công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB35CCQ7ATR bảng dữ liệu(PDF) 4 Page - STMicroelectronics

tên linh kiện STM32WB35CCQ7ATR
Giải thích chi tiết về linh kiện  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCQ7ATR bảng dữ liệu(HTML) 4 Page - STMicroelectronics

  STM32WB35CCQ7ATR Datasheet HTML 1Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 2Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 3Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 4Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 5Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 6Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 7Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 8Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 9Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 193 page
background image
Contents
STM32WB55xx STM32WB35xx
4/193
DS11929 Rev 10
3.13.1
Nested vectored interrupt controller (NVIC) . . . . . . . . . . . . . . . . . . . . . . 44
3.13.2
Extended interrupts and events controller (EXTI) . . . . . . . . . . . . . . . . . 45
3.14
Analog to digital converter (ADC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 45
3.14.1
Temperature sensor . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.14.2
Internal voltage reference (VREFINT) . . . . . . . . . . . . . . . . . . . . . . . . . . 46
3.15
Voltage reference buffer (VREFBUF) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.16
Comparators (COMP) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.17
Touch sensing controller (TSC) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 47
3.18
Liquid crystal display controller (LCD) . . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.19
True random number generator (RNG) . . . . . . . . . . . . . . . . . . . . . . . . . . 49
3.20
Timers and watchdogs . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.20.1
Advanced-control timer (TIM1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 50
3.20.2
General-purpose timers (TIM2, TIM16, TIM17) . . . . . . . . . . . . . . . . . . . 50
3.20.3
Low-power timer (LPTIM1 and LPTIM2) . . . . . . . . . . . . . . . . . . . . . . . . 51
3.20.4
Independent watchdog (IWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 51
3.20.5
System window watchdog (WWDG) . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.20.6
SysTick timer . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 52
3.21
Real-time clock (RTC) and backup registers . . . . . . . . . . . . . . . . . . . . . . 52
3.22
Inter-integrated circuit interface (I2C) . . . . . . . . . . . . . . . . . . . . . . . . . . . . 53
3.23
Universal synchronous/asynchronous receiver transmitter (USART) . . . 54
3.24
Low-power universal asynchronous receiver transmitter (LPUART) . . . . 54
3.25
Serial peripheral interface (SPI1, SPI2) . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.26
Serial audio interfaces (SAI1) . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 55
3.27
Quad-SPI memory interface (QUADSPI) . . . . . . . . . . . . . . . . . . . . . . . . . 56
3.28
Development support . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
3.28.1
Serial wire JTAG debug port (SWJ-DP) . . . . . . . . . . . . . . . . . . . . . . . . . 57
3.28.2
Embedded Trace Macrocell™ . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 57
4
Pinouts and pin description . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 58
5
Memory mapping . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 80
6
Electrical characteristics . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.1
Parameter conditions . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81
6.1.1
Minimum and maximum values . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . 81



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More