công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32WB35CCQ7ATR bảng dữ liệu(PDF) 66 Page - STMicroelectronics

tên linh kiện STM32WB35CCQ7ATR
Giải thích chi tiết về linh kiện  Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution
PDF  193 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32WB35CCQ7ATR bảng dữ liệu(HTML) 66 Page - STMicroelectronics

Back Button STM32WB35CCQ7ATR Datasheet HTML 62Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 63Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 64Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 65Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 66Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 67Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 68Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 69Page - STMicroelectronics STM32WB35CCQ7ATR Datasheet HTML 70Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 193 page
background image
Pinouts and pin description
STM32WB55xx STM32WB35xx
66/193
DS11929 Rev 10
-
48 E2
E11
PB14
I/O
FT_fl
-
TIM1_CH2N, I2C3_SDA,
SPI2_MISO, TSC_G1_IO3,
LCD_SEG14, SAI1_MCLK_A,
CM4_EVENTOUT
-
-
49
F3
F10
PB15
I/O
FT_l
-
RTC_REFIN, TIM1_CH3N,
SPI2_MOSI, TSC_G1_IO4,
LCD_SEG15, SAI1_SD_A,
CM4_EVENTOUT
-
-
50 D2 D10
PC6
I/O
FT_l
-
TSC_G4_IO1, LCD_SEG24,
CM4_EVENTOUT
-
-
-
E3 D12
PC7
I/O
FT_l
-
TSC_G4_IO2, LCD_SEG25,
CM4_EVENTOUT
-
-
-
F4
D11
PC8
I/O
FT_l
-
TSC_G4_IO3, LCD_SEG26,
CM4_EVENTOUT
-
-
-
B4 C13
PC9
I/O
FT_l
-
TIM1_BKIN, TSC_G4_IO4,
USB_NOE, LCD_SEG27,
SAI1_SCK_B,
CM4_EVENTOUT
-
-
-
-
K6
VSS
S
-
-
-
-
-
-
B2
-
VSS
S
-
-
-
-
36 51 B5 C12
PA10
I/O
FT_fl
-
TIM1_CH3, SAI1_PDM_DI1,
I2C1_SDA, USART1_RX,
USB_CRS_SYNC,
LCD_COM2, SAI1_SD_A,
TIM17_BKIN,
CM4_EVENTOUT
-
37 52 A1
B13
PA11
I/O FT_u
-
TIM1_CH4, TIM1_BKIN2,
SPI1_MISO, USART1_CTS,
USB_DM, CM4_EVENTOUT
-
38 53 A2
A13
PA12
I/O FT_u
-
TIM1_ETR, SPI1_MOSI,
LPUART1_RX,
USART1_RTS_DE, USB_DP,
CM4_EVENTOUT
-
39 54 A5
A11
PA13
(JTMS_SWDIO)
I/O FT_u
(9)
JTMS-SWDIO, IR_OUT,
USB_NOE, SAI1_SD_B,
CM4_EVENTOUT
-
40 55 B3
A12
VDDUSB
S
-
-
-
-
-
-
-
C11
VSS
S
-
-
-
-
Table 16. STM32WB55xx pin and ball definitions (continued)
Pin number
Pin name
(function after
reset)
Alternate functions
Additional functions



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More