| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WB5MMG bảng dữ liệu(PDF) 15 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB5MMG bảng dữ liệu(HTML) 15 Page - STMicroelectronics |
|
15 / 31 page ![]() 6 Electrical characteristics 6.1 Operating conditions Table 3. STM32WB5MMG operating conditions Parameter Min. Typ. Max. Unit VDD 1.71 3.3 3.6 V Operating ambient temperature range -40 - 85 °C Storage temperature range -40 - 125 °C 6.2 Power consumption The power consumption is identical to the regular STM32WB55. For full details refer to Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution (DS11929). 6.3 RF characteristics Refer to Multiprotocol wireless 32-bit MCU Arm®-based Cortex®-M4 with FPU, Bluetooth® 5 and 802.15.4 radio solution (DS11929) for more details. STM32WB5MMG Electrical characteristics DS13252 - Rev 1 page 15/31 |