| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32WB5MMG bảng dữ liệu(PDF) 9 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32WB5MMG bảng dữ liệu(HTML) 9 Page - STMicroelectronics |
|
9 / 31 page ![]() 5 Recommendations 5.1 Pin recommendations • ANT_IN and RF_OUT pins must be connected to GND. This module already integrates an antenna, so no external antenna required. • The ANT_NC is only used for soldering planarity purposes. So this pin must be soldered to an unconnected pin on the customer board. • A reset pull-up is already implemented in the STM32WB Series microcontrollers. The reset circuitry only requires an external capacitor for filtering purpose (see Figure 3). Figure 3. Reset circuit PC2 PC1 PB9 PC0 To reset mechanism STM32WB5MMG 100nF 8 9 10 11 12 NRST STM32WB5MMG Recommendations DS13252 - Rev 1 page 9/31 |