| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU3PTR bảng dữ liệu(PDF) 177 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU3PTR bảng dữ liệu(HTML) 177 Page - STMicroelectronics |
|
177 / 340 page ![]() Table 57. Typical current consumption in Run and Low-power run modes, with different codes running from SRAM2 Symbol Parameter Conditions TYP Unit TYP Unit - Voltage scaling Code 25°C 25°C IDD (Run) Supply current in Run mode fHCLK=fHSE up to 48 MHZ included, bypass mode PLL ON above 48 MHz all peripherals disabled Range2 fHCLK=26MHz Reduced code 3.20 mA 123 µA/MHz Coremark 3.33 128 Dhrystone2.1 3.20 123 Fibonacci 3.34 129 While 3.66 141 Range 1 fHCLK=80 MHz Reduced code 11.4 mA 143 µA/MHz Coremark 11.92 149 Dhrystone2.1 11.4 142 Fibonacci 12.0 149 While 13.24 165 Range 0 fHCLK= 110 MHz Reduced code 16.7 mA 152 µA/MHz Coremark 17.44 159 Dhrystone2.1 16.6 151 Fibonacci 17.5 159 While 19.5 177 IDD (LPRun) Supply current in Low- power run fHCLK = fMSI = 2MHz all peripherals disabled Reduced code 386 µA 193 µA/MHz Coremark 414 207 Dhrystone2.1 373 187 Fibonacci 393 196 While 436 218 |