| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU3PTR bảng dữ liệu(PDF) 56 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU3PTR bảng dữ liệu(HTML) 56 Page - STMicroelectronics |
|
56 / 340 page ![]() Functional overview STM32L552xx 56/340 DS12737 Rev 6 3.16 DMA request router (DMAMUX) When a peripheral indicates a request for DMA transfer by setting its DMA request line, the DMA request is pending until it is served and the corresponding DMA request line is reset. The DMA request router allows to route the DMA control lines between the peripherals and the DMA controllers of the product. An embedded multi-channel DMA request generator can be considered as one of such peripherals. The routing function is ensured by a multi-channel DMA request line multiplexer. Each channel selects a unique set of DMA control lines, unconditionally or synchronously with events on synchronization inputs. DMAMUX main features • 16-channel programmable DMA request line multiplexer output • 4-channel DMA request generator • 23 trigger inputs to DMA request generator • 23 synchronization inputs • Per DMA request generator channel: – DMA request trigger input selector – DMA request counter – Event overrun flag for selected DMA request trigger input • Per DMA request line multiplexer channel output: – 90 input DMA request lines from peripherals – One DMA request line output – Synchronization input selector – DMA request counter – Event overrun flag for selected synchronization input – One event output, for DMA request chaining • TrustZone support: – Support for AHB secure and non-secure DMA transfers, independently at a channel level. – TrustZone-aware AHB slave port, protecting any secure resource (register, register field) from a non-secure software access, with configurable interrupt event. – Two secure and non-secure interrupt requests, resulting from any of the respectively secure and non-secure channels. Each channel event being caused from any of the two DMAMUX input events: trigger or synchronization overrun, associated with a respectively secure and non-secure channels. • Privileged / Unprivileged support: – Support for AHB privileged and unprivileged DMA transfers, independently, at a channel level. – Privileged-aware AHB slave port. |