công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

STM32L552CCU3PTR bảng dữ liệu(PDF) 51 Page - STMicroelectronics

tên linh kiện STM32L552CCU3PTR
Giải thích chi tiết về linh kiện  Ultra-low-power Arm® Cortex®-M33 32-bit MCUTrustZone®FPU, 165 DMIPS, up to 512 KB Flash memory, 256 KB SRAM, SMPS
PDF  340 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  STMICROELECTRONICS [STMicroelectronics]
Trang chủ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

STM32L552CCU3PTR bảng dữ liệu(HTML) 51 Page - STMicroelectronics

Back Button STM32L552CCU3PTR Datasheet HTML 47Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 48Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 49Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 50Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 51Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 52Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 53Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 54Page - STMicroelectronics STM32L552CCU3PTR Datasheet HTML 55Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 51 / 340 page
background image
DS12737 Rev 6
51/340
STM32L552xx
Functional overview
78
interrupt is generated if enabled. LSE failure can also be detected and generated an
interrupt.
•
Clock-out capability:
–
MCO (microcontroller clock output): it outputs one of the internal clocks for
external use by the application
–
LSCO (low-speed clock output): it outputs LSI or LSE in all low-power modes
(except VBAT).
Several prescalers allow to configure the AHB frequency, the high speed APB (APB2) and
the low-speed APB (APB1) domains. The maximum frequency of the AHB and the APB
domains is 110 MHz.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More