| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6QTR bảng dữ liệu(PDF) 31 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6QTR bảng dữ liệu(HTML) 31 Page - STMicroelectronics |
|
31 / 340 page ![]() DS12737 Rev 6 31/340 STM32L552xx Functional overview 78 Default TrustZone security state The default system security state is: • CPU: –Cortex®-M33 is in secure state after reset. The boot address must be in secure address. • Memory map: – SAU: is fully secure after reset. Consequently, all memory map is fully secure. Up to 8 SAU configurable regions are available for security attribution. • Flash: – Flash security area is defined by watermark user options. – Flash block based area is non-secure after reset. • SRAMs: – All SRAMs are secure after reset. MPCBB (memory protection block based controller) is secure. • External memories: – FSMC, OCTOSPI banks are secure after reset. MPCWMx (memory protection watermark based controller) are secure • Peripherals – Securable peripherals are non-secure after reset. – TrustZone-aware peripherals (except the GPIO) are non-secure after reset. Their secure configuration registers are secure. Note: Refer to Table 7 and Table 8 for a list of Securable and TrustZone-aware peripherals. • All GPIO are secure after reset. • Interrupts: – NVIC: All interrupts are secure after reset. NVIC is banked for secure and non- secure state. – TZIC: All illegal access interrupts are disabled after reset. |