| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6QTR bảng dữ liệu(PDF) 59 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6QTR bảng dữ liệu(HTML) 59 Page - STMicroelectronics |
|
59 / 340 page ![]() DS12737 Rev 6 59/340 STM32L552xx Functional overview 78 The main features of the FSMC controller are the following: • Interface with static-memory mapped devices including: – Static random access memory (SRAM) – NOR Flash memory/OneNAND Flash memory – PSRAM (four memory banks) – NAND Flash memory with ECC hardware to check up to 8 Kbytes of data – Ferroelectric RAM (FRAM) • 8-,16- bit data bus width • Independent chip select control for each memory bank • Independent configuration for each memory bank • Write FIFO LCD parallel interface The FMC can be configured to interface seamlessly with most graphic LCD controllers. It supports the Intel 8080 and Motorola 6800 modes, and is flexible enough to adapt to specific LCD interfaces. This LCD parallel interface capability makes it easy to build cost effective graphic applications using LCD modules with embedded controllers or high- performance solutions using external controllers with dedicated acceleration. TrustZone security When the TrustZone security is enabled, the whole FSMC banks are secure after reset. Non-secure area can be configured using the TZSC MPCWMx controller. • The FSMC NOR/PSRAM bank: – Up to two non-secure area can be configured thought the TZSC MPCWM2 controller with a granularity of 64 Kbytes. • The FSMC NAND bank: – Can be either configured as fully secure or fully non-secure using the TZSC MPCWM3 controller. The FSMC registers can be configured as secure through the TZSC controller. 3.20 Octo-SPI interface (OCTOSPI) The OCTOSPI is a specialized communication interface targetting single, dual, quad or octal SPI memories. It can operate in any of the three following modes: • Indirect mode: all the operations are performed using the OCTOSPI registers • Status polling mode: the external memory status register is periodically read and an interrupt can be generated in case of flag setting • Memory-mapped mode: the external memory is memory mapped and is seen by the system as if it were an internal memory supporting read and write operation The OCTOSPI supports two frame formats: • Classical frame format with command, address, alternate byte, dummy cycles and data phase over 1, 2, 4 or 8 data pins • HyperBusTM frame format The OCTOSPI offers the following features: |