| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L552CCU6QTR bảng dữ liệu(PDF) 182 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L552CCU6QTR bảng dữ liệu(HTML) 182 Page - STMicroelectronics |
|
182 / 340 page ![]() Table 62. Current consumption in Run mode, code with data processing running from Flash in single bank, ICACHE ON in 2-way and power supplied by external SMPS Symbol Parameter Conditions(1) TYP Unit -VDD12 fHCLK 25°C 55°C 85°C 105°C 125°C IDD(Run) Supply current in Run mode fHCLK = fHSE up to 48 MHz included, bypass mode PLL ON above 48 MHz all peripherals disabled VDD12=1.2V 110 MHz 6.69 6.93 7.5 8.23 9.5 mA VDD12=1.1V 80 MHz 4.1 4.77 5.28 5.94 7.1 72 MHz 3.7 4.33 4.83 5.49 6.65 64 MHz 3.31 3.88 4.38 5.04 6.18 48 MHz 2.51 2.98 3.47 4.12 5.27 32 MHz 1.7 2.08 2.55 3.2 4.32 26 KHz 1.76 1.91 2.31 2.9 3.89 16 MHz 1.14 1.29 1.69 2.25 3.26 8 MHz 0.62 0.76 1.15 1.72 2.7 4 MHz 0.35 0.49 0.88 1.45 2.44 2 MHz 0.22 0.36 0.75 1.32 2.29 1 MHz 0.16 0.29 0.69 1.25 2.23 100 KHz 0.1 0.23 0.63 1.19 2.16 1. All values are obtained by calculation based on measurements done with internal voltage regulator and using following parameters: SMPS input = 3.3 V, SMPS efficiency = 85%. |