| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32L021D4 bảng dữ liệu(PDF) 50 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32L021D4 bảng dữ liệu(HTML) 50 Page - STMicroelectronics |
|
50 / 114 page ![]() Electrical characteristics STM32L021x4 50/114 DocID027982 Rev 5 VBOR3 Brown-out reset threshold 3 Falling edge 2.45 2.55 2.6 V Rising edge 2.54 2.66 2.7 VBOR4 Brown-out reset threshold 4 Falling edge 2.68 2.8 2.85 Rising edge 2.78 2.9 2.95 VPVD0 Programmable voltage detector threshold 0 Falling edge 1.8 1.85 1.88 Rising edge 1.88 1.94 1.99 VPVD1 PVD threshold 1 Falling edge 1.98 2.04 2.09 Rising edge 2.08 2.14 2.18 VPVD2 PVD threshold 2 Falling edge 2.20 2.24 2.28 Rising edge 2.28 2.34 2.38 VPVD3 PVD threshold 3 Falling edge 2.39 2.44 2.48 Rising edge 2.47 2.54 2.58 VPVD4 PVD threshold 4 Falling edge 2.57 2.64 2.69 Rising edge 2.68 2.74 2.79 VPVD5 PVD threshold 5 Falling edge 2.77 2.83 2.88 Rising edge 2.87 2.94 2.99 VPVD6 PVD threshold 6 Falling edge 2.97 3.05 3.09 Rising edge 3.08 3.15 3.20 Vhyst Hysteresis voltage BOR0 threshold - 40 - mV All BOR and PVD thresholds excepting BOR0 -100 - 1. Guaranteed by characterization results, not tested in production. 2. Valid for device version without BOR at power up. Please see option "D" in Ordering information scheme for more details. Table 18. Embedded reset and power control block characteristics (continued) Symbol Parameter Conditions Min Typ Max Unit |