công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

TLE8457CSJ bảng dữ liệu(PDF) 11 Page - Infineon Technologies AG

tên linh kiện TLE8457CSJ
Giải thích chi tiết về linh kiện  LIN Transceiver with integrated voltage regulator
PDF  31 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  INFINEON [Infineon Technologies AG]
Trang chủ  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

TLE8457CSJ bảng dữ liệu(HTML) 11 Page - Infineon Technologies AG

Back Button TLE8457CSJ Datasheet HTML 7Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 8Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 9Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 10Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 11Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 12Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 13Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 14Page - Infineon Technologies AG TLE8457CSJ Datasheet HTML 15Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 31 page
background image
Data Sheet
11
Rev. 1.1
2018-10-15
TLE8457C / TLE8457D
LIN Transceiver with integrated voltage regulator
Functional description
4.1.5
Mode transition via EN pin
The EN input is used for operation mode control of the TLE8457C / TLE8457D. By setting the EN input logic
“high” for the time tMODE,HIGH while being in standby mode, a transition to normal operation mode will be
triggered.
If the voltage level at the EN input is set logic “high” while the TLE8457C / TLE8457D is in sleep mode, a
transition to normal mode is initiated.
From normal operation mode the TLE8457C / TLE8457D can be set to either sleep mode or standby mode. If
the EN input is set “low” for the time tMODE,LOW while the TxD input is held at logic “high”, the mode will change
to standby mode. For a transition to sleep mode, the TxD must be set to logic “low” before the time tMODE,LOW
elapses after EN goes “low” (see Figure 7). It is recommended to program a short delay time from when EN is
set “low” until TxD is set “low”, to prevent driving the BUS dominant through mode transition to sleep mode.
The EN input has an integrated pull-down resistor to ensure the device remains in a low power mode if the EN
input is left open. The EN input has an integrated hysteresis (see Figure 7).
The TLE8457C / TLE8457D changes the operation modes regardless of the signal on the BUS pin. In the case of
a short circuit failure between the LIN bus and GND, resulting in a permanent dominant signal, the TLE8457C
/ TLE8457D can be set to sleep mode.
Figure 7
Operation mode control
The EN input is blocked while the TLE8457C / TLE8457D is in normal operation mode or standby mode and
NRST is “low”, indicating an undervoltage on Vcc. After the NRST output goes “high”, mode control with the EN
input is released again.
4.2
Power supplies
The TLE8457C / TLE8457D is designed for being supplied by the battery line through an external reverse
polarity protection diode at the VS pin (see Figure 16). An input capacitor is needed for damping input line
transients.
4.2.1
Power-up and power-down
During power-up the TLE8457C / TLE8457D will enter standby mode when the VS supply reaches the power-on
reset level VS,PON. The voltage regulator output VCC will track the VS supply voltage until VCC reaches its nominal
voltage level. As VCC reaches the undervoltage level VCC,UV, the NRST output will stay logic “low” for the reset
TLE8457CD_MODE_CONTROL
Normal Operation
mode
EN
Standby mode
Normal Operation
mode
Sleep mode
TxD
VEN,OFF
EN hysteresis
tMODE,HIGH
tMODE,LOW
tMODE,LOW
tMODE,HIGH
VEN,ON
NRST
tRST
t
t
t
Normal Operation mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com