| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H747AI bảng dữ liệu(PDF) 124 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H747AI bảng dữ liệu(HTML) 124 Page - STMicroelectronics |
|
124 / 252 page ![]() Electrical characteristics STM32H747xI/G 114/242 DS12930 Rev 1 Table 40. Typical and maximum current consumption in Run mode, code with data processing running from Flash memory, only Arm Cortex-M4 running, ART accelerator ON, LDO regulator ON(1) Symbol Parameter Conditions fCPU2 (MHz) Typ Max(2) Unit Tj=25 °C Tj=85 °C Tj=105 °C Tj=125 °C IDD Supply current in Run mode All peripherals disabled VOS0 240 121 203 339 453 mA 200 90 - - - VOS1 200 79 123 234 323 444 150 61 - --- VOS2 150 56 85 178 250 350 VOS3 100 35 59 131 189 269 All peripherals enabled VOS0 240 190 303 412 525 200 146 - - - VOS1 200 129 195 287 376 499 VOS2 150 90 134 214 287 386 VOS3 100 61 100 158 216 297 1. The grayed cells correspond to the forbidden configurations. 2. Guaranteed by characterization results, unless otherwise specified. Table 41. Typical and maximum current consumption in Run mode, code with data processing running from Flash bank 2, only Arm Cortex-M4 running, ART accelerator ON, SMPS regulator(1) Symbol Parameter Conditions Typ Max Unit Tj=25 °C Tj=85 °C Tj=105 °C Tj=125 °C IDD Supply current in Run mode All peripherals disabled VOS1 35.3 54.3 102.1 144.4 203.5 mA VOS2 23.3 35.0 70.6 99.2 145.8 VOS3 13.6 22.3 49.0 69.8 101.9 All peripherals enabled VOS1 57.0 84.1 126.8 172.3 234.6 VOS2 36.6 54.5 84.9 118.1 165.0 VOS3 23.1 37.4 58.4 79.8 112.5 1. The parameters given in the above table for the SMPS regulator are derived by extrapolation from the LDO consumption and typical SMPS efficiency factors . |