| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32H747AI bảng dữ liệu(PDF) 55 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32H747AI bảng dữ liệu(HTML) 55 Page - STMicroelectronics |
|
55 / 252 page ![]() DS12930 Rev 1 45/242 STM32H747xI/G Functional overview 46 A 4-Kbyte embedded trace FIFO (ETF) allows recording data and sending them to any com port. In Trace mode, the trace is transferred by DMA to system RAM or to a high-speed interface (such as SPI or USB). It can even be monitored by a software running on one of the cores. Unlike hardware FIFO mode, this mode is invasive since it uses system resources which are shared by the processors. |