| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
STM32G473CB bảng dữ liệu(PDF) 12 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
STM32G473CB bảng dữ liệu(HTML) 12 Page - STMicroelectronics |
|
12 / 229 page ![]() Introduction STM32G473xB STM32G473xC STM32G473xE 12/229 DS12712 Rev 3 1 Introduction This datasheet provides the ordering information and mechanical device characteristics of the STM32G473xB/xC/xE microcontrollers. This document should be read in conjunction with the reference manual RM0440 “STM32G4 Series advanced Arm® 32-bit MCUs”. The reference manual is available from the STMicroelectronics website www.st.com. For information on the Arm®(a) Cortex®-M4 core, refer to the Cortex®-M4 technical reference manual, available from the www.arm.com website. a. Arm is a registered trademark of Arm Limited (or its subsidiaries) in the US and/or elsewhere. |