công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AXF6G2012 bảng dữ liệu(PDF) 8 Page - Panasonic Semiconductor

tên linh kiện AXF6G2012
Giải thích chi tiết về linh kiện  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF6G2012 bảng dữ liệu(HTML) 8 Page - Panasonic Semiconductor

Back Button AXF6G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 9Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 10Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 11Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 12Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
Please refer to
"the latest product specifications"
when designing your product.
•Requests to customers:
https://industrial.panasonic.com/ac/e/salespolicies/
Header (Mated height 1.5 mm, 2.5 mm)
Recommended PC board pattern
(TOP VIEW)
Header (Mated height 3.0 mm)
Recommended PC board pattern
(TOP VIEW)
Recommended metal mask pattern
Metal mask thickness: When 150 μm
(Terminal opening ratio: 49%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 150 μm
(Terminal opening ratio: 49%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120 μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
Recommended metal mask pattern
Metal mask thickness: When 120 μm
(Terminal opening ratio: 60%)
(Metal-part opening ratio: 100%)
Note: The recommended PC board pattern diagrams and metal mask pattern diagrams for headers with mated heights of
1.5 mm/2.5 mm and 3.0 mm are different.
0.80±0.03
0.40±0.03
0.23±0.03
0.45±0.03
: Insulation area
0.80±0.03
0.45±0.03
0.40±0.03
0.23±0.03
: Insulation area
0.80±0.01
0.45±0.01
0.20±0.01
0.40±0.01
0.80±0.01
0.45±0.01
0.40±0.01
0.20±0.01
0.80±0.01
0.40±0.01
0.20±0.01
0.45±0.01
0.80±0.01
0.45±0.01
0.40±0.01
0.20±0.01
ー 8 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com