công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AXF6G2012 bảng dữ liệu(PDF) 3 Page - Panasonic Semiconductor

tên linh kiện AXF6G2012
Giải thích chi tiết về linh kiện  High Current Connectors
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  PANASONIC [Panasonic Semiconductor]
Trang chủ  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

AXF6G2012 bảng dữ liệu(HTML) 3 Page - Panasonic Semiconductor

  AXF6G2012 Datasheet HTML 1Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 2Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 3Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 4Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 5Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 6Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 7Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 8Page - Panasonic Semiconductor AXF6G2012 Datasheet HTML 9Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 13 page
background image
High Current Connectors P4SP (0.4 mm pitch)
Panasonic Corporation Electromechanical Control Business Division
industrial.panasonic.com/ac/e/
ACCTB112E 202003
Panasonic Corporation 2020
Characteristics
Item
Specifications
Conditions
Electrical
characteristics
Rated
current
Power contact
—
Signal contact
As power contact: 1.0 A/pin contact × 10 pins
As signal contact: 0.5 A/pin contact
(Max. 12 A at total pin contacts)
Rated voltage
30 V AC/DC
Dielectric strength
150 V AC for 1 min.
No short-circuiting or damage at a detection current
of 1 mA when the specified voltage is applied for one
minute.
Insulation resistance
Min. 1,000 MΩ (initial)
Using 250 V DC megger (applied for 1 min.)
Contact resistance
Max. 40 mΩ
Based on the contact resistance measurement
method specified by JIS C 5402.
Mechanical
characteristics
Composite insertion force
Max. 0.981 N/pin contact × pin contacts (initial)
Composite removal force
Min. 0.0588 N/pin contact × pin contacts
Environmental
characteristics
Ambient temperature
–55 to +85°C
No icing. No condensation.
Soldering heat resistance
The initial specification must be satisfied
electrically and mechanically.
Reflow soldering:
Peak temperature: 260°C or less
(on the surface of the PC board around the
connector terminals)
Soldering iron: 300°C within 5 sec. 350°C within 3 sec.
Storage temperature
–55 to +85°C (product only)
–40 to +50°C (emboss packing)
No icing. No condensation.
Thermal shock resistance
(header and socket mated)
5 cycles,
insulation resistance Min. 100 MΩ,
contact resistance Max. 40 mΩ
Temperature (℃)
Order
Time (minutes)
1
2
3
4
30
Max. 5
30
Max. 5
Conformed to MIL-STD-202F, method 107G
+3
0
ー55
85
ー55
0
ー3
0
ー3
Humidity resistance
(header and socket mated)
120 hours,
insulation resistance Min. 100 MΩ,
contact resistance Max. 40 mΩ
Conformed to IEC60068-2-78
Temperature 40±2°C, humidity 90 to 95% RH
Saltwater spray resistance
(header and socket mated)
24 hours,
insulation resistance Min. 100 MΩ,
contact resistance Max. 40 mΩ
Conformed to IEC60068-2-11
Temperature 35±2°C, saltwater concentration 5±1%
H2S resistance
(header and socket mated)
48 hours,
contact resistance Max. 40 mΩ
Temperature 40±2°C, gas concentration 3±1 ppm,
humidity 75 to 80% RH
Lifetime
characteristics Insertion and removal life
50 times
Repeated insertion and removal speed of Max. 200
times/hour
Unit weight
20 pins Socket: 0.04 g
20 pins Header: 0.02 g
SPECIFICATIONS
Material and surface treatment
Part name
Material
Surface treatment
Molded portion
LCP resin (UL94V-0)
—
Contact and Post
Copper alloy
Contact portion: Base: Ni plating, Surface: Au plating
Terminal portion: Base: Ni plating, Surface: Au plating (except the terminal tips)
The socket terminals close to the portion to be soldered have nickel barriers
(exposed nickel portions).
Soldering terminals
Copper alloy
Sockets:
Base: Ni plating, Surface: Pd + Au flash plating (except the terminal tips)
Headers:
Base: Ni plating, Surface: Au plating (except the terminal tips)
ー 3 ー



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com