| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
TLE4943C bảng dữ liệu(PDF) 20 Page - Infineon Technologies AG |
|
|
|||||||||||||||||||||||||||||
TLE4943C bảng dữ liệu(HTML) 20 Page - Infineon Technologies AG |
|
20 / 48 page ![]() TLE4943C Data Sheet 20 V 1.2, July 2018 2.7.6 Bit Stump Suppression The suppression of bit stumps in the wheel speed sensor (WSS) is implemented and described in this paragraph. Following principle is used to realize a bit stump suppression: Constant time shift of output of speed pulse and data protocol: The sensor output is always completely shifted by a bit time tp when a new protocol starts. This is equivalent to a time output offset, which has the following effect: The initial bit is not started immediately at the moment in which a new protocol starts, what could occur during an ongoing data protocol at high speed. Instead, tp is always initially waited for a time offset within which the last ongoing protocol output is monitored. For the case a bit output is still active, this will be completely transferred without being cut off. This will effectively prevent the occurrence of bit stumps. Within this offset time tp, suppression of the next possible data bit of the last protocol will be introduced. In this way a current bit transfer will be completed and the transfer of any further bits (of the last protocol) will be prevented. At the end of this offset time, the transfer of the initial bit will start. Advantage of this procedure: it is also effective in the standstill protocol, i.e. if a new increment of the encoder is detected during an ongoing standstill protocol, a current ongoing bit transfer are not be ended in any "bit stump". The transmission of additional bits is suppressed. After delay phase, the new transfer begins with the initial bit tp/2, followed by speed pulse and data protocol. The following figures show the effect of the bit stump suppression according to the method described above using 3 representative cases. 1st case: No cutting off of the preceding protocol. The time between two consecutive protocols is sufficient to transfer all bits. Nevertheless, the new protocol begins at the moment of a new increment of the encoder with the constant-time output offset of the length tp. This is followed by the initial bitwidth tp/2, then the speed pulse, etc. Figure 14 Case 1 - No cutting of the preceding protocol Zero crossing Subsequent protocol Preceding protocol Initial bit tp tp tp tp bit0 bit5 bit4 bit3 bit2 bit1 bit7 bit6 Parity tp tp tp tp bit0 bit3 bit2 bit1 Time output offset tp/2 tp/2 tp/2 tp/2 bit4 |
|
Link URL |
| Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không? [ DONATE ] |
Alldatasheet là | Quảng cáo | Liên lạc với chúng tôi | Chính sách bảo mật | Liên kết đến bảng dữ liệu | Trao đổi link | Tìm kiếm theo nhà sản xuất All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |