công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

R5F52105ADFN bảng dữ liệu(PDF) 1 Page - Renesas Technology Corp

tên linh kiện R5F52105ADFN
Giải thích chi tiết về linh kiện  50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
PDF  223 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  RENESAS [Renesas Technology Corp]
Trang chủ  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

R5F52105ADFN bảng dữ liệu(HTML) 1 Page - Renesas Technology Corp

  R5F52105ADFN Datasheet HTML 1Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 2Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 3Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 4Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 5Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 6Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 7Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 8Page - Renesas Technology Corp R5F52105ADFN Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 223 page
background image
Datasheet
R01DS0041EJ0150 Rev.1.50
Page 1 of 221
Oct 18, 2013
RX210 Group
Renesas MCUs
Features
■ 32-bit RX CPU core
 Max. operating frequency: 50 MHz
Capable of 78 DMIPS in operation at 50 MHz
 Accumulator handles 64-bit results (for a single instruction)
from 32- × 32-bit operations
 Multiplication and division unit handles 32- × 32-bit
operations (multiplication instructions take one CPU clock
cycle)
 Fast interrupt
 CISC Harvard architecture with 5-stage pipeline
 Variable-length instructions, ultra-compact code
 On-chip debugging circuit
■ Low power design and architecture
 Operation from a single 1.62-V to 5.5-V supply
 1.62-V operation available (at up to 20 MHz)
 Deep software standby mode with RTC remaining usable
 Four low power consumption modes
■ On-chip flash memory for code, no wait states
 50-MHz operation, 20-ns read cycle
 No wait states for reading at full CPU speed
 64-K to 1-Mbyte capacities
 User code programmable via the SCI
 Programmable at 1.62 V
 For instructions and operands
■ On-chip data flash memory
 8 Kbytes
(Number of times of reprogramming: 100,000)
 Erasing and programming impose no load on the CPU.
■ On-chip SRAM, no wait states
 12-K to 96-Kbyte size capacities
■ DMA
 DMAC: Incorporates four channels
 DTC: Four transfer modes
■ ELC
 Module operation can be initiated by event signals without
going through interrupts.
 Modules can operate while the CPU is sleeping.
■ Reset and supply management
 Nine types of reset, including the power-on reset (POR)
 Low voltage detection (LVD) with voltage settings
■ Clock functions
 Frequency of external clock: Up to 20 MHz
 Frequency of the oscillator for sub-clock generation: 32.768
kHz
 PLL circuit input: 4 MHz to 12.5 MHz
 On-chip low- and high-speed oscillators, dedicated on-chip
low-speed oscillator for the IWDT
 Generation of a dedicated 32.768-kHz clock for the RTC
 Clock frequency accuracy measurement circuit (CAC)
■ Realtime clock
 Adjustment functions (30 seconds, leap year, and error)
 Year and month display or 32-bit second display (binary
counter) is selectable
 Time capture function
 Time capture on event-signal input through external pins
 RTC capable of initiating return from deep software standby
mode
■ Independent watchdog timer
 125-kHz on-chip oscillator produces a dedicated clock signal
to drive IWDT operation.
■ Useful functions for IEC60730 compliance
 Self-diagnostic and disconnection-detection assistance
functions for the A/D converter, clock frequency accuracy
measurement circuit, independent watchdog timer, functions
to assist in RAM testing, etc.
■ Up to 15 communications channels
 SCI with many useful functions (up to 13 channels)
Asynchronous mode, clock synchronous mode, smart card
interface
 I2C bus interface: Transfer at up to 400 kbps, capable of
SMBus operation (one channel)
 RSPI (one channel): Transfer at up to 16 Mbps (768-Kbyte/
1-Mbyte flash memory or 144/145-pin products)
■ External address space
 Four CS areas (4 × 16 Mbytes)
 8- or 16-bit bus space is selectable per area
■ Up to 20 extended-function timers
 16-bit MTU: input capture, output compare, complementary
PWM output, phase counting mode
(six channels)
 16-bit TPU: input capture, output capture, phase counting
mode (six channels)
 8-bit TMR (four channels)
 16-bit compare-match timers (four channels)
■ 12-bit A/D converter
 Capable of conversion within 1 μs
 Sample-and-hold circuits (for three channels)
 Three-channel synchronized sampling available
 Self-diagnostic function and analog input disconnection
detection assistance function
■ 10-bit D/A converter
■ Analog comparator
■ General I/O ports
 5-V tolerant, open drain, input pull-up, switching of driving
ability
■ MPC
 Multiple locations are selectable for I/O pins of peripheral
functions
■ Temperature sensor
■ Operating temp. range
40C to +85C
40C to +105C
■ Applications
 69WLBGA (SWBG0069LA-A): General consumer
equipment
 Other than above package: General industrial and consumer
equipment
PLQP0144KA-A 20 × 20 mm, 0.5-mm pitch
PLQP0100KB-A 14 × 14 mm, 0.5-mm pitch
PLQP0080KB-A 12 × 12 mm, 0.5-mm pitch
PLQP0064KB-A 10 × 10 mm, 0.5-mm pitch
PLQP0048KB-A 7 × 7 mm, 0.5-mm pitch
PLQP0080JA-A 14 × 14 mm, 0.65-mm pitch
PLQP0064GA-A 14 × 14 mm, 0.8-mm pitch
PTLG0145KA-A 7 × 7 mm, 0.5-mm pitch
PTLG0100JA-A
7 × 7 mm, 0.65-mm pitch
PTLG0100KA-A 5.5 × 5.5 mm, 0.5-mm pitch
PTLG0064JA-A
6 × 6 mm, 0.65-mm pitch
SWBG0069LA-A 3.91 × 4.26mm,
0.40-mm pitch
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 1-MB flash memory,
12-bit A/D, 10-bit D/A, ELC, MPC, RTC, up to 15 comms channels;
incorporating functions for IEC60730 compliance
R01DS0041EJ0150
Rev.1.50
Oct 18, 2013


Số phần tương tự - R5F52105ADFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R5F52105ADFN RENESAS-R5F52105ADFN Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
R5F52105ADFN RENESAS-R5F52105ADFN Datasheet
1Mb / 146P
Renesas MCUs
More results

Mô tả tương tự - R5F52105ADFN

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Renesas Technology Corp
R5F52108ADFP RENESAS-R5F52108ADFP Datasheet
782Kb / 92P
50-MHz 32-bit RX MCUs, 78 DMIPS, up to 512-KB flash memory, 12-bit AD, 10-bit DA
R01DS0190EJ0100 RENESAS-R01DS0190EJ0100 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX111 RENESAS-RX111 Datasheet
1,012Kb / 110P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 128 Kbytes of flash memory
RX65N RENESAS-RX65N Datasheet
1Mb / 190P
120-MHz, 32-bit RX MCU, on-chip FPU, 240 DMIPS, up to 1-MB flash memory,
RX110 RENESAS-RX110_16 Datasheet
1Mb / 108P
32 MHz 32-bit RX MCUs, 50 DMIPS
RX111 RENESAS-RX111_16 Datasheet
1Mb / 127P
32 MHz 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX113 RENESAS-RX113_16 Datasheet
1Mb / 131P
32 MHz, 32-bit RX MCUs, 50 DMIPS, up to 512 Kbytes of flash memory
RX130 RENESAS-RX130 Datasheet
1Mb / 116P
32-MHz, 32-bit RX MCUs, 50 DMIPS, up to 128-KB flash memory
RX23E-A RENESAS-RX23E-A Datasheet
1Mb / 98P
32-MHz, 32-bit RX MCUs with up to 256-KB flash memory,
RX231 RENESAS-RX231 Datasheet
3Mb / 170P
54-MHz 32-bit RX MCUs, built-in FPU, 88.56 DMIPS, up to 512-KB flash memory
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com