| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
RA4M3 bảng dữ liệu(PDF) 10 Page - Renesas Technology Corp |
|
|
|||||||||||||||||||||||||||||
RA4M3 bảng dữ liệu(HTML) 10 Page - Renesas Technology Corp |
|
10 / 92 page ![]() Table 1.14 Pin functions (2 of 4) Function Signal I/O Description GPT GTETRGA, GTETRGB, GTETRGC, GTETRGD Input External trigger input pins GTIOCnA, GTIOCnB I/O Input capture, output compare, or PWM output pins GTIU Input Hall sensor input pin U GTIV Input Hall sensor input pin V GTIW Input Hall sensor input pin W GTOUUP Output 3-phase PWM output for BLDC motor control (positive U phase) GTOULO Output 3-phase PWM output for BLDC motor control (negative U phase) GTOVUP Output 3-phase PWM output for BLDC motor control (positive V phase) GTOVLO Output 3-phase PWM output for BLDC motor control (negative V phase) GTOWUP Output 3-phase PWM output for BLDC motor control (positive W phase) GTOWLO Output 3-phase PWM output for BLDC motor control (negative W phase) AGT AGTEEn Input External event input enable signals AGTIOn I/O External event input and pulse output pins AGTOn Output Pulse output pins AGTOAn Output Output compare match A output pins AGTOBn Output Output compare match B output pins RTC RTCOUT Output Output pin for 1-Hz or 64-Hz clock RTCICn Input Time capture event input pins SCI SCKn I/O Input/output pins for the clock (clock synchronous mode) RXDn Input Input pins for received data (asynchronous mode/clock synchronous mode) TXDn Output Output pins for transmitted data (asynchronous mode/clock synchronous mode) CTSn_RTSn I/O Input/output pins for controlling the start of transmission and reception (asynchronous mode/clock synchronous mode), active- low. CTSn Input Input for the start of transmission. SCLn I/O Input/output pins for the IIC clock (simple IIC mode) SDAn I/O Input/output pins for the IIC data (simple IIC mode) SCKn I/O Input/output pins for the clock (simple SPI mode) MISOn I/O Input/output pins for slave transmission of data (simple SPI mode) MOSIn I/O Input/output pins for master transmission of data (simple SPI mode) SSn Input Chip-select input pins (simple SPI mode), active-low RXDXn Input Input pins for received data (Extended Serial Mode) TXDXn Output Output pins for transmitted data (Extended Serial Mode) SIOXn I/O Input/output pins for receivde or tramsmitted data (Extended Serial Mode) IIC SCLn I/O Input/output pins for the clock SDAn I/O Input/output pins for data RA4M3 Datasheet 1. Overview R01DS0368EJ0120 Rev.1.20 Dec 2, 2020 Page 10 of 92 |