| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ISO6721 bảng dữ liệu(PDF) 27 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
ISO6721 bảng dữ liệu(HTML) 27 Page - Texas Instruments |
|
27 / 48 page ![]() 11.2 Layout Example 2 mm maximum from VCC2 Solid ground islands help dissipate heat through PCB Solid supply islands reduce inductance because large peak currents flow into the VCC pin 1 2 3 4 8 7 6 5 VCC2 GND1 VCC1 GND2 0.1 …F 2 mm maximum from VCC1 0.1 …F Figure 11-1. Layout Example 10 mils 10 mils 40 mils FR-4 0r ~ 4.5 Keep this space free from planes, traces, pads, and vias Ground plane Power plane Low-speed traces High-speed traces Figure 11-2. Four Layer Board Layout Example www.ti.com ISO6720-Q1, ISO6721-Q1 SLLSFF5A – JULY 2020 – REVISED DECEMBER 2020 Copyright © 2020 Texas Instruments Incorporated Submit Document Feedback 27 Product Folder Links: ISO6720-Q1 ISO6721-Q1 |