công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DS250DF230ZLSR bảng dữ liệu(PDF) 21 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện DS250DF230ZLSR
Giải thích chi tiết về linh kiện  DS250DF230 25-Gbps Multi-Rate 2-Channel Retimer
PDF  105 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DS250DF230ZLSR bảng dữ liệu(HTML) 21 Page - Texas Instruments

Back Button DS250DF230ZLSR Datasheet HTML 17Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 18Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 19Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 20Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 21Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 22Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 23Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 24Page - Texas Instruments DS250DF230ZLSR Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 105 page
background image
21
DS250DF230
www.ti.com
SNLS590B – AUGUST 2018 – REVISED OCTOBER 2019
Product Folder Links: DS250DF230
Submit Documentation Feedback
Copyright © 2018–2019, Texas Instruments Incorporated
8.3.9.1 Setting the Output VOD, Pre-Cursor, and Post-Cursor Equalization
The output differential voltage (VOD), pre-cursor, and post-cursor equalization of the driver is controlled by
manipulating the FIR tap settings. The main cursor tap is the primary knob for amplitude adjustment. The pre-
and post-cursor FIR tap settings can then be adjusted to provide equalization. To maintain a constant peak-to-
peak VOD, the user must adjust the main cursor tap value relative to the pre- and post-cursor tap changes so as
to maintain a constant absolute sum of the FIR tap values. Table 2 shows various settings for VOD settings
ranging from 350 mVpp to 1195 mVpp (typical). Note that the output peak-to-peak amplitude is a function of the
sum of the absolute values of the taps, whereas the low-frequency amplitude is purely a function of the main-
cursor value.
Table 2. Typical VOD and FIR Values
FIR SETTINGS
Peak-to Peak
VOD(V)
RPRE(dB)
RPST(dB)
PRE-CURSOR:
REG_0x3E[6:0]
MAIN-CURSOR:
REG_0x3D[6:0]
POST-CURSOR:
REG_0x3F[6:0]
0
+3
0
0.350
NA
NA
0
+4
0
0.392
NA
NA
0
+5
0
0.436
NA
NA
0
+6
0
0.482
NA
NA
0
+7
0
0.524
NA
NA
0
+8
0
0.562
NA
NA
0
+9
0
0.602
NA
NA
0
+10
0
0.638
NA
NA
0
+11
0
0.678
NA
NA
0
+12
0
0.710
NA
NA
0
+13
0
0.748
NA
NA
0
+14
0
0.782
NA
NA
0
+15
0
0.816
NA
NA
0
+16
0
0.846
NA
NA
0
+17
0
0.880
NA
NA
0
+18
0
0.910
NA
NA
0
+19
0
0.944
NA
NA
0
+20
0
0.968
NA
NA
0
+21
0
0.998
NA
NA
0
+22
0
1.028
NA
NA
0
+23
0
1.056
NA
NA
0
+24
0
1.076
NA
NA
0
+25
0
1.096
NA
NA
0
+26
0
1.120
NA
NA
0
+27
0
1.140
NA
NA
0
+28
0
1.155
NA
NA
0
+29
0
1.175
NA
NA
0
+30
0
1.185
NA
NA
0
+31
0
1.195
NA
NA
0
+16
–1
0.880
NA
2.0
0
+15
–2
0.880
NA
2.7
0
+14
–3
0.880
NA
3.4
0
+13
–4
0.880
NA
4.3
0
+12
–5
0.880
NA
5.4
0
+11
–6
0.880
NA
6.7
0
+10
–7
0.880
NA
8.4
0
+9
–8
0.880
NA
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More