công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

DRV8434E/P bảng dữ liệu(PDF) 20 Page - Texas Instruments

tên linh kiện DRV8434E/P
Giải thích chi tiết về linh kiện  DRV8434E/P Dual H-Bridge Motor Driver With Integrated Current Sense and Smart Tune Technology
PDF  48 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

DRV8434E/P bảng dữ liệu(HTML) 20 Page - Texas Instruments

Back Button DRV8434E/P Datasheet HTML 16Page - Texas Instruments DRV8434E/P Datasheet HTML 17Page - Texas Instruments DRV8434E/P Datasheet HTML 18Page - Texas Instruments DRV8434E/P Datasheet HTML 19Page - Texas Instruments DRV8434E/P Datasheet HTML 20Page - Texas Instruments DRV8434E/P Datasheet HTML 21Page - Texas Instruments DRV8434E/P Datasheet HTML 22Page - Texas Instruments DRV8434E/P Datasheet HTML 23Page - Texas Instruments DRV8434E/P Datasheet HTML 24Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 48 page
background image
7.3.3.3 Smart tune Dynamic Decay
The smart tune current regulation scheme is an advanced current-regulation control method compared to
traditional fixed off-time current regulation schemes. Smart tune current regulation scheme helps the stepper
motor driver adjust the decay scheme based on operating factors such as the ones listed as follows:
• Motor winding resistance and inductance
• Motor aging effects
• Motor dynamic speed and load
• Motor supply voltage variation
• Low-current versus high-current dI/dt
tBLANK
tOFF
tDRIVE
ITRIP
tBLANK
tDRIVE
tBLANK
tDRIVE
ITRIP
tBLANK
tDRIVE
tOFF
tOFF
tBLANK
tDRIVE
tFAST
tOFF
tBLANK
tDRIVE
tFAST
Figure 7-7. Smart tune Dynamic Decay Mode
Smart tune Dynamic Decay greatly simplifies the decay mode selection by automatically configuring the decay
mode between slow, mixed, and fast decay. In mixed decay, smart tune dynamically adjusts the fast decay
percentage of the total mixed decay time. This feature eliminates motor tuning by automatically determining the
best decay setting that results in the lowest ripple for the motor.
The decay mode setting is optimized iteratively each PWM cycle. If the motor current overshoots the target trip
level, then the decay mode becomes more aggressive (add fast decay percentage) on the next cycle to prevent
regulation loss. If a long drive time must occur to reach the target trip level, the decay mode becomes less
aggressive (remove fast decay percentage) on the next cycle to operate with less ripple and more efficiently. On
falling steps, smart tune Dynamic Decay automatically switches to fast decay to reach the next step quickly.
Smart tune Dynamic Decay is optimal for applications that require minimal current ripple but want to maintain a
fixed frequency in the current regulation scheme.
DRV8434E
SLOSE49 – NOVEMBER 2020
www.ti.com
20
Submit Document Feedback
Copyright © 2020 Texas Instruments Incorporated
Product Folder Links: DRV8434E



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com