| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LTC6930 bảng dữ liệu(PDF) 14 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
LTC6930 bảng dữ liệu(HTML) 14 Page - Analog Devices |
|
14 / 28 page ![]() LTC6994-1/LTC6994-2 14 Rev. C For more information www.analog.com OPERATION Figure 3. Rising-Edge Delayed Timing Diagram (LTC6994-1, POL = 0) Figure 4. Falling-Edge Delayed Timing Diagram (LTC6994-1, POL = 1) Edge-Controlled Delay The LTC6994 is a programmable delay or pulse qualifier. It can perform noise filtering, which distinguishes it from a delay line (which simply delays all input transitions). WhenthevoltageontheLTC6994inputpin(IN)transitions low or high, the LTC6994 can delay the corresponding output transition by any time from 1µs to 33.6 seconds. LTC6994-1 Functionality Figures3detailsthebasicoperationoftheLTC6994-1when configured to delay rising edge transitions (POL = 0). A rising edge on the IN pin initiates the timing. OUT remains low for the duration of tDELAY. If IN stays high then OUT will transition high after this time. If the input doesn’t remain high long enough for OUT to transition high then the timing will restart on each successive rising edge. In this way, the LTC6994-1 can serve as a pulse qualifier, filtering out noisy or short signals. On a falling edge at the input, the output will follow im- mediately (after a short propagation delay tPD).Note that the output pulse width may be extremely short if IN falls immediately after OUT rises. Figure 4 details the operation of the LTC6994-1 when configured to delay falling edges (POL = 1). IN OUT tDELAY tPD tPD tDELAY tDELAY tPD 699412 F03 tWIDTH tPD tPD tPD IN OUT tDELAY tPD tDELAY tPD tPD tPD tPD tPD tWIDTH tDELAY 699412 F04 |