công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8250 bảng dữ liệu(PDF) 6 Page - Analog Devices

tên linh kiện AD8250
Giải thích chi tiết về linh kiện  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8250 bảng dữ liệu(HTML) 6 Page - Analog Devices

Back Button AD8250 Datasheet HTML 2Page - Analog Devices AD8250 Datasheet HTML 3Page - Analog Devices AD8250 Datasheet HTML 4Page - Analog Devices AD8250 Datasheet HTML 5Page - Analog Devices AD8250 Datasheet HTML 6Page - Analog Devices AD8250 Datasheet HTML 7Page - Analog Devices AD8250 Datasheet HTML 8Page - Analog Devices AD8250 Datasheet HTML 9Page - Analog Devices AD8250 Datasheet HTML 10Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 34 page
background image
LTC6373
6
Rev. 0
For more information www.analog.com
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
Note 2: The LTC6373 is capable of producing peak output currents in
excess of 40mA. Current density limitations within the IC require the
continuous RMS current supplied by the output (sourcing or sinking)
over the operating lifetime of the part be limited to under 40mA (Absolute
Maximum).
Note 3: A heat sink may be required to keep the junction temperature
below absolute maximum when the output is shorted indefinitely.
Note 4: The LTC6373I is guaranteed functional over the operating
temperature range of –40°C to 85°C. The LTC6373H is guaranteed
functional over the operating temperature range of –40°C to 125°C.
Note 5: The LTC6373I is guaranteed to meet specified performance
from –40°C to 85°C. The LTC6373H is guaranteed to meet specified
performance from –40°C to 125°C.
Note 6: Guaranteed by design.
Note 7: ESD (Electrostatic Discharge) sensitive device. ESD protection
devices are used extensively internal to the LTC6373; however, high
electrostatic discharge can damage or degrade the device. Use proper ESD
handling precautions.
Note 8: Input bias current is defined as the maximum of the input currents
flowing into either of the input pins (–IN and +IN). Input Offset current is
defined as the difference between the input currents (IOS = IB+ – IB–).
Note 9: Input CMRR (CMRR) is defined as the ratio of the change in
the input common mode voltage at the pins +IN or –IN to the change
in differential input referred offset voltage. Output CMRR (CMRRIO) is
defined as the ratio of the change in the voltage at the VOCM pin to the
change in differential input referred offset voltage.
Note 10: Differential power supply rejection ratio (PSRR) is defined as
the ratio of the change in supply voltage to the change in differential
input referred offset voltage. Common mode power supply rejection ratio
(PSRRCM) is defined as the ratio of the change in supply voltage to the
change in the common mode offset voltage.
Note 11: This parameter is measured in a high speed automatic tester
that does not measure the thermal effects with longer time constants. The
magnitude of these thermal effects are dependent on the package used,
PCB layout, heat sinking and air flow conditions.
Note 12: Hysteresis in output voltage is created by mechanical stress
that differs depending on whether the IC was previously at a higher or
lower temperature. Output voltage is always measured at 25°C, but
the IC is cycled to the hot or cold temperature limit before successive
measurements. For instruments that are stored in well controlled
temperatures (within 20 or 30 degrees of operational temperature),
hysteresis is usually not a significant error source. Typical Hysteresis is
the worst case of differential offset measured between 25°C to -40°C to
25°C thermal cycle and 25°C to 125°C to 25°C thermal cycle.
ELECTRICAL CHARACTERISTICS



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com