công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

AD8250 bảng dữ liệu(PDF) 5 Page - Analog Devices

tên linh kiện AD8250
Giải thích chi tiết về linh kiện  36V Fully-Differential Programmable-Gain Instrumentation Amplifier with 25pA Input Bias Current
PDF  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  AD [Analog Devices]
Trang chủ  http://www.analog.com
Logo AD - Analog Devices

AD8250 bảng dữ liệu(HTML) 5 Page - Analog Devices

  AD8250 Datasheet HTML 1Page - Analog Devices AD8250 Datasheet HTML 2Page - Analog Devices AD8250 Datasheet HTML 3Page - Analog Devices AD8250 Datasheet HTML 4Page - Analog Devices AD8250 Datasheet HTML 5Page - Analog Devices AD8250 Datasheet HTML 6Page - Analog Devices AD8250 Datasheet HTML 7Page - Analog Devices AD8250 Datasheet HTML 8Page - Analog Devices AD8250 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 34 page
background image
LTC6373
5
Rev. 0
For more information www.analog.com
SYMBOL
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
VOUTCMR
Voltage Range for the VOCM Pin
(Guaranteed by ∆GCM)
VS = ±4.5V
VS = ±15V
l
l
V+ 1.5
V+ 2
V+OUT – 1.5
V+OUT – 2
V
V
VOCM
Self-Biased Voltage at the VOCM Pin
VOCM Not Connected
l
(V+OUT +
V)/2 – 0.1
(V+OUT +
V)/2
(V+OUT +
V)/2 + 0.1
V
RINVOCM
Input Resistance, VOCM Pin
l
1.9
2.3
2.7
VDGND
Voltage Range for the DGND Pin
l
V
0
V+ – 2.5
V
IDGND
DGND Pin Current
DGND = 5V, A2 = A1 = A0 = 15V
l
–7
–4
–1
µA
VIL
Digital Input (A2/A1/A0) Logic Low
Referred to DGND
l
DGND
DGND + 0.6
V
VIH
Digital Input (A2/A1/A0) Logic High
Referred to DGND
l
DGND + 1.5
V+
V
IA2/A1/A0
Digital Input (A2/A1/A0) Pin Current
A2/A1/A0 = 5V
l
8
12
µA
f–3dB
–3dB Bandwidth
G = 16
G = 8
G = 4
G = 2
G = 1
G = 0.5
G = 0.25
4
5.5
6
6.5
6.5
7
7.5
MHz
MHz
MHz
MHz
MHz
MHz
MHz
SR
Slew Rate
G = 16, VOUTDIFF = 40VP-P Step, RL = 2kΩ l
7.5
12
V/µs
ts
Settling Time
G = 16, VOUTDIFF = 8VP-P Step, RL = 1kΩ
0.1%
0.01%
0.0015% (16-Bit)
4ppm (18-Bit)
2.1
2.25
2.4
2.7
µs
µs
µs
µs
THD
Total Harmonic Distortion
G = 1, VOUTDIFF = 10VP-P, RL = 2kΩ
f = 1kHz
f = 10kHz
–115
–110
dB
dB
tON
Turn-On Time
10
µs
tOFF
Turn-Off Time
5
µs
Gain Switching Time
5
µs
VS
Supply Voltage Range
Guaranteed by PSRR
l
9
36
V
IS
Supply Current
Active
l
4.4
4.75
5.25
mA
mA
Shutdown (A2 = A1 = A0 = 5V)
l
220
600
µA
ELECTRICAL CHARACTERISTICS The
l
denotes the specifications which apply over the full operating
temperature range, otherwise specifications and all typical values are at TA = 25°C. V+ = V+OUT = 15V, V= –15V, VICM = VOCM = DGND =
0V, G = 1 (A2 = 5V, A1 = A0 = 0V). VS is defined as (V+ – V). VICM is defined as (V+IN + V–IN)/2. VOUTCM is defined as (V+OUT + V–OUT)/2.
VOUTDIFF is defined as (V+OUT – V–OUT).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com