| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
AGLP030 bảng dữ liệu(PDF) 56 Page - Actel Corporation |
|
|
|||||||||||||||||||||||||||||
AGLP030 bảng dữ liệu(HTML) 56 Page - Actel Corporation |
|
56 / 128 page ![]() IGLOO PLUS DC and Switching Characteristics 2- 42 R e v i sio n 1 1 Table 2-72 • Parameter Definition and Measuring Nodes Parameter Name Parameter Definition Measuring Nodes (from, to)* tOCLKQ Clock-to-Q of the Output Data Register H, DOUT tOSUD Data Setup Time for the Output Data Register F, H tOHD Data Hold Time for the Output Data Register F, H tOPRE2Q Asynchronous Preset-to-Q of the Output Data Register L, DOUT tOREMPRE Asynchronous Preset Removal Time for the Output Data Register L, H tORECPRE Asynchronous Preset Recovery Time for the Output Data Register L, H tOECLKQ Clock-to-Q of the Output Enable Register H, EOUT tOESUD Data Setup Time for the Output Enable Register J, H tOEHD Data Hold Time for the Output Enable Register J, H tOEPRE2Q Asynchronous Preset-to-Q of the Output Enable Register I, EOUT tOEREMPRE Asynchronous Preset Removal Time for the Output Enable Register I, H tOERECPRE Asynchronous Preset Recovery Time for the Output Enable Register I, H tICLKQ Clock-to-Q of the Input Data Register A, E tISUD Data Setup Time for the Input Data Register C, A tIHD Data Hold Time for the Input Data Register C, A tIPRE2Q Asynchronous Preset-to-Q of the Input Data Register D, E tIREMPRE Asynchronous Preset Removal Time for the Input Data Register D, A tIRECPRE Asynchronous Preset Recovery Time for the Input Data Register D, A * See Figure 2-12 on page 2-41 for more information. |