| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
74LX1GU04STR bảng dữ liệu(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
74LX1GU04STR bảng dữ liệu(HTML) 1 Page - STMicroelectronics |
|
1 / 10 page ![]() 1/10 April 2004 s 5V TOLERANT INPUTS s HIGH SPEED: tPD = 4.2ns (MAX.) at VCC =3V s LOW POWER DISSIPATION: ICC =1µA(MAX.) at TA =25°C s POWER DOWN PROTECTION ON INPUTS AND OUTPUTS s SYMMETRICAL OUTPUT IMPEDANCE: |IOH|= IOL = 24mA (MIN) at VCC =3V s BALANCED PROPAGATION DELAYS: tPLH ≅ tPHL s OPERATING VOLTAGE RANGE: VCC(OPR) = 1.65V to 5.5V (1.2V Data Retention) s IMPROVED LATCH-UP IMMUNITY DESCRIPTION The 74LX1GU04 is a low voltage CMOS SINGLE INVERTER (SINGLE STAGE) fabricated with sub-micron silicon gate and double-layer metal wiring C2MOS technology. It is ideal for 1.65 to 5.5 VCC operations and low power and low noise applications. The internal circuit is composed of 3 stages including buffer output, which provide high noise immunity and stable output. Power downprotectionis providedoninput and output and 0 to 7V can be accepted on inputs with no regard to the supply voltage. It can be interfaced to 5V signal environment for inputs in mixed 3.3/5V system. All inputs and outputs are equipped with protection circuits against static discharge. 74LX1GU04 LOW VOLTAGE CMOS SINGLE INVERTER WITH 5V TOLERANT INPUT PIN CONNECTION AND IEC LOGIC SYMBOLS ORDER CODES PACKAGE T & R SOT23-5L 74LX1GU04STR SOT323-5L 74LX1GU04CTR SOT23-5L SOT323-5L |
Số phần tương tự - 74LX1GU04STR |
|
Mô tả tương tự - 74LX1GU04STR |