| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
X11SSL-F bảng dữ liệu(PDF) 49 Page - List of Unclassifed Manufacturers |
|
|
|||||||||||||||||||||||||||||
X11SSL-F bảng dữ liệu(HTML) 49 Page - List of Unclassifed Manufacturers |
|
49 / 124 page ![]() 49 Chapter 2: Installation Chassis Intrusion A Chassis Intrusion header is located at JL1 on the motherboard. Attach the appropriate cable from the chassis to inform you of a chassis intrusion when the chassis is opened. Refer to the table below for pin definitions. Chassis Intrusion Pin Definitions Pin# Definition 1 Intrusion Input 2 Ground Internal Speaker/Buzzer The Internal Speaker (SP1) can be used to provide audible notifications using various beep codes. Refer to the table below for pin definitions. Refer to the layout below for the location of the internal buzzer. Internal Buzzer Pin Definitions Pin# Definition 1 Pos (+) Beep In 2 Neg (-) Alarm Speaker CPU VGA LAN2 LAN1 LE1 COM1 USB6/7 (3.0) USB0/1 IPMI_LAN JUIDB1 MAC CODE JPL1 LED BMC JPL2 FAN1 FAN2 FAN3 FANA LED PWR USB10(3.0) JF1 I-SATA2 I-SATA7 JBT1 JL1 USB2/3 X11SSM(-F)/X11SSL(-F) REV:1.01 Designed in the USA BMC SP1 Intel PCH BT1 1. Chassis Intrusion 2. Internal Buzzer 1 2 |