công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2124AFVLLPNT bảng dữ liệu(PDF) 10 Page - NXP Semiconductors

tên linh kiện PWCT2124AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2124AFVLLPNT bảng dữ liệu(HTML) 10 Page - NXP Semiconductors

Back Button PWCT2124AFVLLPNT Datasheet HTML 6Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 7Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 8Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 9Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 10Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 11Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 12Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 13Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 14Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 65 page
background image
4. When input pad voltage levels are close to VDD or VSS, practically no current injection is possible.
5. While respecting the maximum current injection limit
6. This is the Electronic Control Unit (ECU) supply ramp rate and not directly the MCU ramp rate. Limit applies to both
maximum absolute maximum ramp rate and typical operating conditions.
7. This is the MCU supply ramp rate, and the ramp rate assumes that the HW design guidelines in AN5426 are followed.
Limit applies to both maximum absolute maximum ramp rate and typical operating conditions.
8. TJ (Junction temperature)=135 °C. Assumes TA=125 °C for RUN mode
TJ (Junction temperature)=125 °C. Assumes TA=105 °C for HSRUN mode
• Assumes maximum
θJA for 2s2p board. See Thermal characteristics
9. 60 seconds lifetime; device in reset (no outputs enabled/toggling)
4.2 Voltage and current operating requirements
NOTE
Device functionality is guaranteed up to the LVR assert level;
however, electrical performance of 12-bit ADC, CMP with 8-
bit DAC, IO electrical characteristics, and communication
modules electrical characteristics would be degraded when
voltage drops below 2.7 V
Table 2. Voltage and current operating requirements 1
Symbol
Description
Min.
Max.
Unit
Notes
VDD2
Supply voltage
2.73
5.5
V
4
VDD_OFF
Voltage allowed to be developed on VDD
pin when it is not powered from any
external power supply source.
0
0.1
V
VDDA
Analog supply voltage
2.7
5.5
V
4
VDD – VDDA
VDD-to-VDDA differential voltage
– 0.1
0.1
V
4
VREFH
ADC reference voltage high
2.7
VDDA + 0.1
V
5
VREFL
ADC reference voltage low
-0.1
0.1
V
VODPU
Open drain pullup voltage level
VDD
VDD
V
6
IINJPAD_DC_OP7
Continuous DC input current (positive /
negative) that can be injected into an I/O
pin
-3
+3
mA
IINJSUM_DC_OP
Continuous total DC input current that can
be injected across all I/O pins such that
there's no degradation in accuracy of
analog modules: ADC and ACMP (See
section Analog Modules)
—
30
mA
1. Typical conditions assumes VDD = VDDA = VREFH = 5 V, temperature = 25 °C and typical silicon process unless otherwise
stated.
2. As VDD varies between the minimum value and the absolute maximum value the analog characteristics of the I/O and the
ADC will both change. See section I/O parameters and ADC electrical specifications respectively for details.
3. MWCT1016S will operate from 2.7 V when executing from internal FIRC. When the PLL is engaged MWCT1016S is
guaranteed to operate from 2.97 V. All other MWCT101xS family devices operate from 2.7 V in all modes.
4. VDD and VDDA must be shorted to a common source on PCB. The differential voltage between VDD and VDDA is for RF-AC
only. Appropriate decoupling capacitors to be used to filter noise on the supplies. See application note AN5032 for
reference supply design for SAR ADC.
General
MWCT101XS Data Sheet, Rev. 3, 12/2019
10
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com