công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT2124AFVLLPNT bảng dữ liệu(PDF) 36 Page - NXP Semiconductors

tên linh kiện PWCT2124AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT2124AFVLLPNT bảng dữ liệu(HTML) 36 Page - NXP Semiconductors

Back Button PWCT2124AFVLLPNT Datasheet HTML 32Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 33Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 34Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 35Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 36Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 37Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 38Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 39Page - NXP Semiconductors PWCT2124AFVLLPNT Datasheet HTML 40Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 65 page
background image
Table 24. 12-bit ADC operating conditions (continued)
Symbol Description
Conditions
Min.
Typ.1
Max.
Unit
Notes
fADCK
ADC conversion clock
frequency
Normal usage
2
40
50
MHz
3, 4
fCONV
ADC conversion frequency
No ADC hardware
averaging.5 Continuous
conversions enabled,
subsequent conversion
time
46.4
928
1160
Ksps
6, 7
ADC hardware averaging
set to 32. 5 Continuous
conversions enabled,
subsequent conversion
time
1.45
29
36.25
Ksps
6, 7
1. Typical values assume VDDA = 5 V, Temp = 25 °C, fADCK = 40 MHz, RAS=20 Ω, and CAS=10 nF unless otherwise stated.
Typical values are for reference only, and are not tested in production.
2. For packages without dedicated VREFH and VREFL pins, VREFH is internally tied to VDDA, and VREFL is internally tied to VSS.
To get maximum performance, reference supply quality should be better than SAR ADC. See application note AN5032 for
details.
3. Clock and compare cycle need to be set according to the guidelines mentioned in the Reference Manual .
4. ADC conversion will become less reliable above maximum frequency.
5. When using ADC hardware averaging, see the Reference Manual to determine the most appropriate setting for AVGS.
6. Numbers based on the minimum sampling time of 275 ns.
7. For guidelines and examples of conversion rate calculation, see the Reference Manual or download the ADC calculator
tool.
Figure 12. ADC input impedance equivalency diagram
ADC electrical specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
36
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com