công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT1004AFVLLPNT bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện PWCT1004AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT1004AFVLLPNT bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button PWCT1004AFVLLPNT Datasheet HTML 36Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 37Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 38Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 39Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 40Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 41Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 42Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 43Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 65 page
background image
Table 28. Comparator with 8-bit DAC electrical specifications (continued)
Symbol
Description
Min.
Typ.
Max.
Unit
Analog comparator hysteresis, Hyst2, Low-speed
mode
-40 - 125
℃
—
23
80
VHYST3
Analog comparator hysteresis, Hyst3, High-speed
mode
mV
-40 - 125
℃
—
46
200
Analog comparator hysteresis, Hyst3, Low-speed
mode
-40 - 125
℃
—
32
120
IDAC8b
8-bit DAC current adder (enabled)
3.3V Reference Voltage
—
6
9
μA
5V Reference Voltage
—
10
16
μA
INL5
8-bit DAC integral non-linearity
–0.75
—
0.75
LSB6
DNL
8-bit DAC differential non-linearity
–0.5
—
0.5
LSB6
tDDAC
Initialization and switching settling time
—
—
30
μs
1. Difference at input > 200mV
2. Applied ± (100 mV + VHYST0/1/2/3+ max. of VAIO) around switch point.
3. Applied ± (30 mV + 2 × VHYST0/1/2/3+ max. of VAIO) around switch point.
4. Applied ± (100 mV + VHYST0/1/2/3).
5. Calculation method used: Linear Regression Least Square Method
6. 1 LSB = Vreference/256
NOTE
For comparator IN signals adjacent to VDD/VSS or XTAL/
EXTAL or switching pins cross coupling may happen and
hence hysteresis settings can be used to obtain the desired
comparator performance. Additionally, an external capacitor
(1nF) should be used to filter noise on input signal. Also, source
drive should not be weak (Signal with < 50 K pull up/down is
recommended).
ADC electrical specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
40
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com