công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PWCT1004AFVLLPNT bảng dữ liệu(PDF) 26 Page - NXP Semiconductors

tên linh kiện PWCT1004AFVLLPNT
Giải thích chi tiết về linh kiện  Memory and memory interfaces
PDF  65 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PWCT1004AFVLLPNT bảng dữ liệu(HTML) 26 Page - NXP Semiconductors

Back Button PWCT1004AFVLLPNT Datasheet HTML 22Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 23Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 24Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 25Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 26Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 27Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 28Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 29Page - NXP Semiconductors PWCT1004AFVLLPNT Datasheet HTML 30Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 65 page
background image
System Clock Generation (SCG) specifications
6.2.3.1 Fast internal RC Oscillator (FIRC) electrical specifications
Table 17. Fast internal RC Oscillator electrical specifications
Symbol
Parameter1
Value
Unit
Min.
Typ.
Max.
FFIRC
FIRC target frequency
—
48
—
MHz
ΔF
Frequency deviation across process, voltage, and
temperature < 105°C
—
±0.5
±1
%FFIRC
ΔF125
Frequency deviation across process, voltage, and
temperature < 125°C
—
±0.5
±1.1
%FFIRC
TStartup
Startup time
3.4
5
µs2
TJIT, 3
Cycle-to-Cycle jitter
—
250
500
ps
TJIT3
Long term jitter over 1000 cycles
—
0.04
0.1
%FFIRC
1. With FIRC regulator enable
2. Startup time is defined as the time between clock enablement and clock availability for system use.
3. FIRC as system clock
NOTE
Fast internal RC Oscillator is compliant with CAN and LIN
standards.
6.2.3.2 Slow internal RC oscillator (SIRC) electrical specifications
Table 18. Slow internal RC oscillator (SIRC) electrical specifications
Symbol
Parameter
Value
Unit
Min.
Typ.
Max.
FSIRC
SIRC target frequency
—
8
—
MHz
ΔF
Frequency deviation across process, voltage, and
temperature < 105°C
—
—
±3
%FSIRC
ΔF125
Frequency deviation across process, voltage, and
temperature < 125°C
—
—
±3.3
%FSIRC
TStartup
Startup time
—
9
12.5
µs1
1. Startup time is defined as the time between clock enablement and clock availability for system use.
6.2.3
System Clock Generation (SCG) specifications
MWCT101XS Data Sheet, Rev. 3, 12/2019
26
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com