công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSC164 bảng dữ liệu(PDF) 1 Page - List of Unclassifed Manufacturers

tên linh kiện RSC164
Giải thích chi tiết về linh kiện  General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

RSC164 bảng dữ liệu(HTML) 1 Page - List of Unclassifed Manufacturers

  RSC164 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
RSC-164
Recognition
•• Synthesis •• Control
From the Interactive Speech™ Line of Products
General Purpose Microcontroller Featuring Speech Recognition, Speech &
Music Synthesis, Speaker Verification and Audio Record/Playback
GENERAL DESCRIPTION
The RSC-164, from the Interactive Speech™ family of
products, is a low-cost microcontroller designed for use
in consumer electronics. The RSC-164 combines an 8-bit
microcontroller with high-quality speaker-independent
and
speaker-dependent
speech
recognition,
speech
synthesis,
speaker
verification,
four-voice
music
synthesis, and voice record and playback. Products can
use one or all of the RSC-164 features in a single
application.
The RSC-164 employs a sophisticated neural network
that learns to classify sound data. On-chip speech
recognition algorithms reach an accuracy of greater than
96% for speaker-independent recognition and greater
than 99% for speaker-dependent recognition. Sensory’s
neural network approach (patent pending) eliminates the
need for expensive signal processing or extensive RAM
storage.
The highly-integrated nature of the chip reduces external
parts count. A complete system may be built with few
additional
parts
other
than
a
battery,
speaker,
microphone, and audio input support circuitry.
Low
power requirements make the RSC-164 an ideal solution
for battery-powered and hand-held devices.
FEATURES
Full Range of Speech Capabilities
• Speaker-independent speech recognition
• Speaker-dependent speech recognition
• High quality speech synthesis and sound effects
• Speaker verification
• Four-voice music synthesis
• Voice record & playback
Integrated Single-Chip Solution
• 4 MIPS 8-bit microcontroller
• On-chip A/D and D/A converters, digital filtering
• 32kHz clock for time keeping
• Internal 64kbytes ROM; 384 bytes RAM
• 16 general purpose I/O lines
• External memory bus: 16-bit Address, 8-bit Data
• On-chip output amplifier for direct speaker drive
Low Power Requirements
• 3.5 - 5.0V supply
• ~10mA operating
RSC-164 Block Diagram


Số phần tương tự - RSC164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RSC164I ETC1-RSC164I Datasheet
60Kb / 5P
General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
More results

Mô tả tương tự - RSC164

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
List of Unclassifed Man...
RSC-164I ETC1-RSC-164I Datasheet
60Kb / 5P
General Purpose Microcontroller Featuring Speech Recognition, Speaker Verification, and Speech Synthesis.
HM2007 ETC1-HM2007 Datasheet
1Mb / 21P
SPEECH RECOGNITION
80-0207-A ETC1-80-0207-A Datasheet
259Kb / 8P
Speech And Music Processor
80-0208-B ETC1-80-0208-B Datasheet
283Kb / 13P
Speech And Music Processor
80-0209-A ETC1-80-0209-A Datasheet
268Kb / 8P
Speech And Music Processor
80-0210-C ETC1-80-0210-C Datasheet
271Kb / 9P
Speech And Music Processor
80-0211-C ETC1-80-0211-C Datasheet
349Kb / 12P
Speech And Music Processor
80-0213-B ETC1-80-0213-B Datasheet
502Kb / 2P
SPEECH AND MUSIC PROCESSORS
RSC-300 ETC2-RSC-300 Datasheet
118Kb / 8P
Speech Recognition Microcontroller
SC-6X ETC2-SC-6X Datasheet
169Kb / 2P
SPEECH AND MUSIC PROCESSORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com