công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

RSC164 bảng dữ liệu(PDF) 8 Page - List of Unclassifed Manufacturers

tên linh kiện RSC164
Giải thích chi tiết về linh kiện  General Purpose Microcontroller Featuring Speech Recognition, Speech & Music Synthesis, Speaker Verification and Audio Record/Playback
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  ETC1 [List of Unclassifed Manufacturers]
Trang chủ  
Logo ETC1 - List of Unclassifed Manufacturers

RSC164 bảng dữ liệu(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button RSC164 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 4Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 5Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 6Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 7Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 8Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 9Page - List of Unclassifed Manufacturers RSC164 Datasheet HTML 10Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 10 page
background image
RSC-164
DATA SHEET
8
From the Interactive Speech™ Line of Products
DC CHARACTERISTICS
(TO = 0°C to +70°C, Vdd = 5V )
SYMBO
L
PARAMETER
MIN
TYP
MAX
UNITS
TEST CONDITIONS
VIL
Input Low Voltage
-0.1
0.75
V
VIH
Input High Voltage
2.5
Vdd+0.5
V
VOL
Output Low Voltage
0.3
0.5
V
IOL= 4 mA
VOH
Output High Voltage
4.0
4.3
V
IOL= -4 mA
IIL
Logical 0 Input Current
ICC1
Digital Supply Current
10
mA
Osc1 Freq=14.32 MHz, CPU
clock divide by 1
ICC2
Analog Supply Current
0.15
mA
Osc1 Freq=14.32 MHz, CPU
clock divide by 1
ICC3
Digital Supply Current, Standby
Power-down mode
ICC4
Analog Supply Current, Standby
Power-down mode
Rpu
Pull-up resistance P0.0-P1.7
10
400
Hi-Z
k
Ω
selected with software
A.C. CHARACTERISTICS (EXTERNAL MEMORY ACCESSES)
(TO = 0°C to +70°C, Vdd = 5V; load capacitance for outputs = 80 pF; Osc=14.32 MHz)
SYMBOL
PARAMETER
CPU=osc/1, 1 WS
MIN
MAX
CPU=osc/2, 0WS
MIN
MAX
UNITS
1/TCL1
Processor Clock frequency
14.32
7.16
MHz
TRLRH
-RDC (-RDD) Pulse Width
140
140
ns
TRLAV
-RDC (-RDD) Low to Address valid
5
5
ns
TALRAX
Address hold after -RDC (-RDD)
0
0
ns
TRAVDV
Address valid to Valid Data In
135
135
ns
TRHDX
Data Hold after -RDC (-RDD)
0
0
ns
TWLWH
-WRC (-WRD) Pulse Width
140
140
ns
TAVWL
Address Valid to -WRC (-WRD)
35
70
ns
TALWAX
Address Hold after -WRC (-WRD)
35
70
ns
TWDVAV
Write Data Valid to Address Valid
5
5
ns
TWHQX
Data Hold after -WRC (-WRD)
35
70
ns



Html Pages

1 2 3 4 5 6 7 8 9 10


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com