| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
MAS3504D bảng dữ liệu(PDF) 11 Page - Micronas |
|
|
|||||||||||||||||||||||||||||
MAS3504D bảng dữ liệu(HTML) 11 Page - Micronas |
|
11 / 40 page ![]() MAS 3504D Micronas 11 2.6.5.1. Example 1:16 Bits/Sample (I2S Compatible Data Format) A schematic timing diagram of the SDO interface in 16 bit/sample mode with delayed data by 1 clock cycle is shown in Fig. 2–5. Fig. 2–5: Schematic timing of the SDO interface in 16bit/sample mode 2.6.5.2. Example 2:32 Bit/Sample (Inverted SOI) If the serial output generates 32 bits per audio sample, only the first 20 bits will carry valid audio data. The 12 trailing bits are set to zero by default (see Fig. 2–6). Fig. 2–6: Schematic timing of the SDO interface in 32 bit/sample mode SOC SOD SOI left 16-bit audio sample right 16-bit audio sample 15 14 13 12 11 10 9 8 7 65432 10 13 12 11 10 9 8 7 6 5 4 32 10 15 14 Vh Vl Vh Vl Vh Vl 30 29 28 27 26 25 ... 7 65432 10 31 30 29 28 27 26 25 7654 3210 left 32-bit audio sample right 32-bit audio sample SOC SOD SOI Vh Vl Vh Vl Vh Vl ... ... 31 ... |