công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

PCA8530DUG bảng dữ liệu(PDF) 13 Page - NXP Semiconductors

tên linh kiện PCA8530DUG
Giải thích chi tiết về linh kiện  Automotive 40 x 4 LCD driver
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA8530DUG bảng dữ liệu(HTML) 13 Page - NXP Semiconductors

Back Button PCA8530DUG Datasheet HTML 9Page - NXP Semiconductors PCA8530DUG Datasheet HTML 10Page - NXP Semiconductors PCA8530DUG Datasheet HTML 11Page - NXP Semiconductors PCA8530DUG Datasheet HTML 12Page - NXP Semiconductors PCA8530DUG Datasheet HTML 13Page - NXP Semiconductors PCA8530DUG Datasheet HTML 14Page - NXP Semiconductors PCA8530DUG Datasheet HTML 15Page - NXP Semiconductors PCA8530DUG Datasheet HTML 16Page - NXP Semiconductors PCA8530DUG Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 54 page
background image
PCA85276
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2018. All rights reserved.
Product data sheet
Rev. 3 — 12 November 2018
13 of 54
NXP Semiconductors
PCA85276
Automotive 40 x 4 LCD driver
6.3.4 Writing over the RAM address boundary
In all multiplex drive modes, depending on the setting of the data pointer, it is possible to
fill the RAM over the RAM address boundary. If the PCA85276 is part of a cascade the
additional bits fall into the next device that also generates the acknowledge signal. If the
PCA85276 is a single device or the last device in a cascade, the additional bits are
discarded and no acknowledge signal is generated.
6.3.5 Bank selection
6.3.5.1
Output bank selector
The output bank selector (see Table 9 on page 7) selects one of the four rows per display
RAM address for transfer to the display register. The actual row selected depends on the
particular LCD drive mode in operation and on the instant in the multiplex sequence.
• In 1:4 multiplex mode, all RAM addresses of row 0 are selected, followed by the
contents of row 1, row 2, and then row 3
• In 1:3 multiplex mode, rows 0, 1, and 2 are selected sequentially
• In 1:2 multiplex mode, rows 0 and 1 are selected
• In static mode, row 0 is selected
6.3.5.2
Input bank selector
The input bank selector loads display data into the display RAM in accordance with the
selected LCD drive configuration. Display data can be loaded by using the bank-select
command (see Table 9). The input bank selector functions independently to the output
bank selector.
6.3.5.3
RAM bank switching
The PCA85276 includes a RAM bank switching feature in the static and 1:2 multiplex
drive modes. A bank can be thought of as one RAM row or a collection of RAM rows (see
Figure 5). The RAM bank switching gives the provision for preparing display information in
an alternative bank and to be able to switch to it once it is complete.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com