| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
ADP1032ACPZ-3-R7 bảng dữ liệu(PDF) 23 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
ADP1032ACPZ-3-R7 bảng dữ liệu(HTML) 23 Page - Analog Devices |
|
23 / 37 page ![]() Data Sheet ADP1032 Rev. 0 | Page 23 of 37 THEORY OF OPERATION The ADP1032 is a high performance, isolated micro PMU that combines an isolated flyback regulator and a buck regulator, providing two isolated power rails. Additionally, the ADP1032 includes seven low power digital isolators in a 41-lead LFCSP package for channel to channel isolated applications where power dissipation and board space are at a premium. VOUT1 VOUT2 MVDD C1 SVDD2 VINP SW2 FB1 VOUT1 VOUT2 SYNC PGNDP VINP SLEW PWRGD SWP L1 CIN CFLYBK CBUCK GNDP SGND1 MVDD MGPO3 SGPI3 MGPI2 MGPI1 SGPO2 SGPO1 MGND Tx1 SVDD1 SVDD2 D1 RFT1 RFB1 C3 C4 SVDD1 EN PWRGD PG1 PG2 R6 R5 1:1 FEEDBACK AND OVER VOLTAGE CONTROL FLYBACK CONTROLLER PLL ÷2 HIGH EFFICIENCY BUCK MGND DECODE ENCODE ENCODE DECODE ENCODE DECODE ENCODE DECODE MSS MCK MO MI SSS SCK SI SO CONTROL BLOCK CONTROL BLOCK SGND2 ÷2 NOTES 1. CFLYBK IS THE FLYBACK REGULATOR OUTPUT CAPACITOR VALUE. 2. CBUCK IS THE BUCK REGULATOR OUTPUT CAPACITOR VALUE. Figure 66. Simplified Block Diagram |