công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K112BHTXMLUTR bảng dữ liệu(PDF) 79 Page - NXP Semiconductors

tên linh kiện FS32K112BHTXMLUTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K112BHTXMLUTR bảng dữ liệu(HTML) 79 Page - NXP Semiconductors

Back Button FS32K112BHTXMLUTR Datasheet HTML 75Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 76Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 77Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 78Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 79Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 80Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 81Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 82Page - NXP Semiconductors FS32K112BHTXMLUTR Datasheet HTML 83Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 100 page
background image
S2
S3
S3
S4
S4
SWD_CLK (input)
Figure 30. Serial wire clock input timing
S11
S12
S9
S10
Input data valid
Output data valid
SWD_CLK
SWD_DIO
SWD_DIO
SWD_DIO
S13
Figure 31. Serial wire data timing
6.6.2 Trace electrical specifications
The following table describes the ETM Trace electrical characteristics.
• Measurements are with maximum output load of 50 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
NOTE
ETM trace is supported only on S32K148.
Debug modules
S32K1xx Data Sheet, Rev. 12, 02/2020
NXP Semiconductors
79



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100