công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

LM158AFKB bảng dữ liệu(PDF) 41 Page - Texas Instruments

Click here to check the latest version.
tên linh kiện LM158AFKB
Giải thích chi tiết về linh kiện  Industry-Standard Dual Operational Amplifiers
PDF  56 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  TI [Texas Instruments]
Trang chủ  http://www.ti.com
Logo TI - Texas Instruments

LM158AFKB bảng dữ liệu(HTML) 41 Page - Texas Instruments

Back Button LM158AFKB Datasheet HTML 37Page - Texas Instruments LM158AFKB Datasheet HTML 38Page - Texas Instruments LM158AFKB Datasheet HTML 39Page - Texas Instruments LM158AFKB Datasheet HTML 40Page - Texas Instruments LM158AFKB Datasheet HTML 41Page - Texas Instruments LM158AFKB Datasheet HTML 42Page - Texas Instruments LM158AFKB Datasheet HTML 43Page - Texas Instruments LM158AFKB Datasheet HTML 44Page - Texas Instruments LM158AFKB Datasheet HTML 45Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 56 page
background image
Device
Package Type
Package Drawing
Pins
SPQ
Length (mm)
Width (mm)
Height (mm)
LM258DR
SOIC
D
8
2500
340.5
338.1
20.6
LM258DR
SOIC
D
8
2500
333.2
345.9
28.6
LM258DR
SOIC
D
8
2500
364.0
364.0
27.0
LM258DR
SOIC
D
8
2500
853.0
449.0
35.0
LM258DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM258DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM258DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM258DRG4
SOIC
D
8
2500
853.0
449.0
35.0
LM2904AVQDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2904AVQDRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2904AVQPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904AVQPWRG4
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904BAIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2904BIDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2904BIPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904DGKR
VSSOP
DGK
8
2500
358.0
335.0
35.0
LM2904DGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM2904DR
SOIC
D
8
2500
333.2
345.9
28.6
LM2904DR
SOIC
D
8
2500
364.0
364.0
27.0
LM2904DR
SOIC
D
8
2500
853.0
449.0
35.0
LM2904DR
SOIC
D
8
2500
340.5
338.1
20.6
LM2904DRG3
SOIC
D
8
2500
333.2
345.9
28.6
LM2904DRG3
SOIC
D
8
2500
364.0
364.0
27.0
LM2904DRG4
SOIC
D
8
2500
853.0
449.0
35.0
LM2904DRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM2904PWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904PWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904PWRG3
TSSOP
PW
8
2000
364.0
364.0
27.0
LM2904PWRG4
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904PWRG4-JF
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904QDR
SOIC
D
8
2500
350.0
350.0
43.0
LM2904VQDR
SOIC
D
8
2500
340.5
338.1
20.6
LM2904VQPWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM2904VQPWRG4
TSSOP
PW
8
2000
853.0
449.0
35.0
LM358ADGKR
VSSOP
DGK
8
2500
364.0
364.0
27.0
LM358ADR
SOIC
D
8
2500
333.2
345.9
28.6
LM358ADR
SOIC
D
8
2500
367.0
367.0
35.0
LM358ADR
SOIC
D
8
2500
340.5
338.1
20.6
LM358ADR
SOIC
D
8
2500
364.0
364.0
27.0
LM358ADRG4
SOIC
D
8
2500
367.0
367.0
35.0
LM358ADRG4
SOIC
D
8
2500
340.5
338.1
20.6
LM358APWR
TSSOP
PW
8
2000
364.0
364.0
27.0
LM358APWR
TSSOP
PW
8
2000
853.0
449.0
35.0
LM358APWRG4
TSSOP
PW
8
2000
853.0
449.0
35.0
PACKAGE MATERIALS INFORMATION
www.ti.com
16-Oct-2020
Pack Materials-Page 4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56