| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
LM158AFKB bảng dữ liệu(PDF) 28 Page - Texas Instruments |
|
|
|
|||||||||||||||||||||||||||||
LM158AFKB bảng dữ liệu(HTML) 28 Page - Texas Instruments |
|
28 / 56 page ![]() + RIN RG RF VOUT VIN OUT1 OUT2 IN1 í IN1+ V í V+ IN2 í IN2+ RG RIN RF GND VIN VS í GND VS+ GND Run the input traces as far away from the supply lines as possible Only needed for dual-supply operation Place components close to device and to each other to reduce parasitic errors Use low-ESR, ceramic bypass capacitor (or GND for single supply) Ground (GND) plane on another layer 28 LM158, LM158A, LM258, LM258A LM358, LM358A, LM358B, LM358BA, LM2904, LM2904B, LM2904BA, LM2904V SLOS068X – JUNE 1976 – REVISED JUNE 2020 www.ti.com Product Folder Links: LM158 LM158A LM258 LM258A LM358 LM358A LM358B LM358BA LM2904 LM2904B LM2904BA LM2904V Submit Documentation Feedback Copyright © 1976–2020, Texas Instruments Incorporated 12.2 Layout Examples Figure 54. Operational Amplifier Board Layout for Noninverting Configuration Figure 55. Operational Amplifier Schematic for Noninverting Configuration |