công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXMLQTR bảng dữ liệu(PDF) 1 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXMLQTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXMLQTR bảng dữ liệu(HTML) 1 Page - NXP Semiconductors

  FS32K142MHTXMLQTR Datasheet HTML 1Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 2Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 3Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 4Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 5Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 6Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 7Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 8Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 100 page
background image
S32K1XX
S32K1xx Data Sheet
Notes
• Supports S32K116, S32K118, S32K142, S32K142W,
S32K144, S32K144W, S32K146, and S32K148
– Technical information for S32K142W and
S32K144W device families is preliminary until
these devices achieve qualification
• The following two attachments are available with the
Datasheet:
– S32K1xx_Orderable_Part_Number_ List.xlsx
– S32K1xx_Power_Modes_Configuration.xlsx
Key Features
• Operating characteristics
– Voltage range: 2.7 V to 5.5 V
– Ambient temperature range: -40 °C to 105 °C for
HSRUN mode, -40 °C to 150 °C for RUN mode
• Arm™ Cortex-M4F/M0+ core, 32-bit CPU
– Supports up to 112 MHz frequency (HSRUN mode)
with 1.25 Dhrystone MIPS per MHz
– Arm Core based on the Armv7 Architecture and
Thumb®-2 ISA
– Integrated Digital Signal Processor (DSP)
– Configurable Nested Vectored Interrupt Controller
(NVIC)
– Single Precision Floating Point Unit (FPU)
• Clock interfaces
– 4 - 40 MHz fast external oscillator (SOSC) with up
to 50 MHz DC external square input clock in
external clock mode
– 48 MHz Fast Internal RC oscillator (FIRC)
– 8 MHz Slow Internal RC oscillator (SIRC)
– 128 kHz Low Power Oscillator (LPO)
– Up to 112 MHz (HSRUN) System Phased Lock
Loop (SPLL)
– Up to 20 MHz TCLK and 25 MHz SWD_CLK
– 32 kHz Real Time Counter external clock
(RTC_CLKIN)
• Power management
– Low-power Arm Cortex-M4F/M0+ core with
excellent energy efficiency
– Power Management Controller (PMC) with multiple
power modes: HSRUN, RUN, STOP, VLPR, and
VLPS. Note: CSEc (Security) or EEPROM writes/
erase will trigger error flags in HSRUN mode (112
MHz) because this use case is not allowed to
execute simultaneously. The device will need to
switch to RUN mode (80 MHz) to execute CSEc
(Security) or EEPROM writes/erase.
– Clock gating and low power operation supported on
specific peripherals.
• Memory and memory interfaces
– Up to 2 MB program flash memory with ECC
– 64 KB FlexNVM for data flash memory with ECC
and EEPROM emulation. Note: CSEc (Security) or
EEPROM writes/erase will trigger error flags in
HSRUN mode (112 MHz) because this use case is
not allowed to execute simultaneously. The device
will need to switch to RUN mode (80 MHz) to
execute CSEc (Security) or EEPROM writes/erase.
– Up to 256 KB SRAM with ECC
– Up to 4 KB of FlexRAM for use as SRAM or
EEPROM emulation
– Up to 4 KB Code cache to minimize performance
impact of memory access latencies
– QuadSPI with HyperBus™ support
• Mixed-signal analog
– Up to two 12-bit Analog-to-Digital Converter
(ADC) with up to 32 channel analog inputs per
module
– One Analog Comparator (CMP) with internal 8-bit
Digital to Analog Converter (DAC)
• Debug functionality
– Serial Wire JTAG Debug Port (SWJ-DP) combines
– Debug Watchpoint and Trace (DWT)
– Instrumentation Trace Macrocell (ITM)
– Test Port Interface Unit (TPIU)
– Flash Patch and Breakpoint (FPB) Unit
• Human-machine interface (HMI)
– Up to 156 GPIO pins with interrupt functionality
– Non-Maskable Interrupt (NMI)
NXP Semiconductors
Document Number S32K1XX
Data Sheet: Technical Data
Rev. 12, 02/2020
NXP reserves the right to change the production detail specifications as may be
required to permit improvements in the design of its products.


Số phần tương tự - FS32K142MHTXMLQTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
NXP Semiconductors
FS32K142BAT0M NXP-FS32K142BAT0M Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K142BAT0V NXP-FS32K142BAT0V Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K142BET0M NXP-FS32K142BET0M Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K142BET0V NXP-FS32K142BET0V Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
FS32K142BFT0M NXP-FS32K142BFT0M Datasheet
1Mb / 85P
NXP Semiconductors
Rev. 11, 06/2019
More results

Mô tả tương tự - FS32K142MHTXMLQTR

nhà sản xuấttên linh kiệnbảng dữ liệuGiải thích chi tiết về linh kiện
logo
Cypress Semiconductor
S6E2H4 CYPRESS-S6E2H4 Datasheet
4Mb / 160P
32-bit ARM Cortex-M4F
logo
Nuvoton Technology Corp...
NUC131 NUVOTON-NUC131 Datasheet
2Mb / 75P
ARM짰 Cortex??M0 core
logo
Princeton Technology Co...
PT32M621 PTC-PT32M621 Datasheet
131Kb / 2P
ARM 짰 Cortex??M0 Micontroller
PT32M625 PTC-PT32M625 Datasheet
268Kb / 4P
ARM 짰 Cortex??M0 Microcontroller
logo
List of Unclassifed Man...
BT832A ETC2-BT832A Datasheet
881Kb / 22P
Nordic nRF52 with ARM Cortex M4F
logo
ASIX Electronics Corpor...
AX58200 ASIX-AX58200_V01 Datasheet
1Mb / 1P
ARM Cortex-M4F 192MHz
logo
NXP Semiconductors
S32K144 NXP-S32K144 Datasheet
1Mb / 100P
Voltage range: 2.7 V to 5.5 V Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 13, 04/2020
logo
Analog Devices
ADUCM4050 AD-ADUCM4050 Datasheet
743Kb / 46P
Ultra Low Power ARM Cortex-M4F MCU with Integrated Power Management
4/2019-Rev. 0 to Rev. A
logo
NXP Semiconductors
S32K1XX NXP-S32K1XX_V01 Datasheet
1Mb / 101P
Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
Rev. 14, 08/2021
logo
AAEON Technology
SPG-M041 AAEON-SPG-M041 Datasheet
617Kb / 2P
Gateway System with ARM Cortex M4F 180MHz
2022/09/21
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com