công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

FS32K142MHTXMLQTR bảng dữ liệu(PDF) 74 Page - NXP Semiconductors

tên linh kiện FS32K142MHTXMLQTR
Giải thích chi tiết về linh kiện  Low-power Arm Cortex-M4F/M0 core with excellent energy efficiency
PDF  100 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

FS32K142MHTXMLQTR bảng dữ liệu(HTML) 74 Page - NXP Semiconductors

Back Button FS32K142MHTXMLQTR Datasheet HTML 70Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 71Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 72Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 73Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 74Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 75Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 76Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 77Page - NXP Semiconductors FS32K142MHTXMLQTR Datasheet HTML 78Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 74 / 100 page
background image
S21
S19
S17
S15
S16
S17
S18
S22
S20
S18
S13
S14
S14
SAI_BCLK (input)
SAI_FS (output)
SAI_FS (input)
SAI_TXD
SAI_RXD
Figure 24. SAI Timing — Slave modes
6.5.6 Ethernet AC specifications
The following timing specs are defined at the chip I/O pin and must be translated
appropriately to arrive at timing specs/constraints for the physical interface.
The following table describes the MII electrical characteristics.
• Measurements are with maximum output load of 25 pF, input transition of 1 ns and
pad configured with fastest slew settings (DSE = 1'b1).
• I/O operating voltage ranges from 2.97 V to 3.6 V
• While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the
interface should be OFF.
Table 49. MII signal switching specifications
Symbol
Description
Min.
Max.
Unit
—
RXCLK frequency
—
25
MHz
MII1
RXCLK pulse width high
35%
65%
RXCLK period
MII2
RXCLK pulse width low
35%
65%
RXCLK period
MII3
RXD[3:0], RXDV, RXER to RXCLK setup
5
—
ns
MII4
RXCLK to RXD[3:0], RXDV, RXER hold
5
—
ns
—
TXCLK frequency
—
25
MHz
MII5
TXCLK pulse width high
35%
65%
TXCLK period
MII6
TXCLK pulse width low
35%
65%
TXCLK period
MII7
TXCLK to TXD[3:0], TXEN, TXER invalid
2
—
ns
MII8
TXCLK to TXD[3:0], TXEN, TXER valid
—
25
ns
Communication modules
S32K1xx Data Sheet, Rev. 12, 02/2020
74
NXP Semiconductors



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com