| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS32K112BHTXVLQTR bảng dữ liệu(PDF) 79 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BHTXVLQTR bảng dữ liệu(HTML) 79 Page - NXP Semiconductors |
|
79 / 100 page ![]() S2 S3 S3 S4 S4 SWD_CLK (input) Figure 30. Serial wire clock input timing S11 S12 S9 S10 Input data valid Output data valid SWD_CLK SWD_DIO SWD_DIO SWD_DIO S13 Figure 31. Serial wire data timing 6.6.2 Trace electrical specifications The following table describes the ETM Trace electrical characteristics. • Measurements are with maximum output load of 50 pF, input transition of 1 ns and pad configured with fastest slew settings (DSE = 1'b1). • While doing the mode transition (RUN -> HSRUN or HSRUN -> RUN ), the interface should be OFF. NOTE ETM trace is supported only on S32K148. Debug modules S32K1xx Data Sheet, Rev. 12, 02/2020 NXP Semiconductors 79 |