| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
FS32K112BHTXVLQTR bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
FS32K112BHTXVLQTR bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 100 page ![]() Table 6. Thermal operating characteristics for S32K14xW series Symbol Parameter Value Unit Min. Typ. Max. TA C-Grade Part Ambient temperature under bias −40 — 85 ℃ TJ C-Grade Part Junction temperature under bias −40 — 105 ℃ TA V-Grade Part Ambient temperature under bias −40 — 105 ℃ TJ V-Grade Part Junction temperature under bias −40 — 125 ℃ TA M-Grade Part Ambient temperature under bias −40 — 1251 ℃ TJ M-Grade Part Junction temperature under bias −40 — 1351 ℃ TA W-Grade Part Ambient temperature under bias −40 — 1501 ℃ TJ W-Grade Part Junction temperature under bias -40 — TBD1 ℃ 1. Values mentioned are measured at ≤ 80 MHz in RUN mode. General S32K1xx Data Sheet, Rev. 12, 02/2020 14 NXP Semiconductors |