công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MPF5023AMBA0ES bảng dữ liệu(PDF) 40 Page - NXP Semiconductors

tên linh kiện MPF5023AMBA0ES
Giải thích chi tiết về linh kiện  Power management integrated circuit (PMIC) for high performance applications
PDF  91 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  NXP [NXP Semiconductors]
Trang chủ  http://www.nxp.com
Logo NXP - NXP Semiconductors

MPF5023AMBA0ES bảng dữ liệu(HTML) 40 Page - NXP Semiconductors

Back Button MPF5023AMBA0ES Datasheet HTML 36Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 37Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 38Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 39Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 40Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 41Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 42Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 43Page - NXP Semiconductors MPF5023AMBA0ES Datasheet HTML 44Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 91 page
background image
NXP Semiconductors
PF5023
Power management integrated circuit (PMIC) for high performance applications
PF5023
All information provided in this document is subject to legal disclaimers.
© NXP B.V. 2020. All rights reserved.
Product data sheet
Rev. 1 — 15 April 2020
40 / 91
Disabling the watchdog operation may be required for in-line MCU programming where
output voltages are required but watchdog operation should be completely disabled.
14.9.10 XFAILB
XFAILB is a bidirectional pin with an open drain output used to synchronize the power
up and power down sequences of two or more PMICs. It should normally be pulled up
externally to V1P5A supply.
The OTP_XFAILB_EN bit is used to enable or disable the XFAILB mode of operation.
• When OTP_XFAILB_EN = 0, the XFAILB mode is disabled and any events on this pin
are ignored.
• When OTP_XFAILB_EN = 1, the XFAILB mode is enabled
When the XFAILB mode is enabled, and the PF5023 has a turn off event generated by
an internal fault, the XFAILB pin is asserted low 20 µs before starting the power down
sequence.
A power down event caused by the following conditions will assert the XFAILB pin:
• Fault timer expired
• FAULT_CNT = FAULT_MAX_CNT (Regulator fault counter max out)
• WD_EVENT_CNT = WD_MAX_CNT (Watchdog event counter max out)
• Power up failure
• Thermal shutdown
• Hard WD event
The XFAILB pin is forced low during the Off mode.
During the system On state, if the XFAILB pin is externally pulled low, it will detect an
XFAIL event after a 20 µs debounce. When an XFAIL event is detected, the XFAILB pin
is asserted low internally and the device starts a power down sequence.
If a PWRON event is present, the device will start a turn on event and proceed to release
the XFAILB pin when its ready to start the power up sequence state. If the XFAILB pin
is pulled down externally during the power up event, the PF5023 will stop the power up
sequence until the pin is no longer pulled down externally. This will help both PMICs to
synchronize the power up sequence allowing it to continue only when both PMICs are
ready to initiate the power up sequence.
A hard WD event will set the XFAILB pin 20 µs before it starts its power down sequence.
After all regulator outputs have been turned off, the device will release the XFAILB pin
internally after a 30 µs delay, proceed to load the default OTP configuration and wait for
the XFAILB pin to be released externally before it can restart the power up sequence.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com