| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129A bảng dữ liệu(PDF) 14 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129A bảng dữ liệu(HTML) 14 Page - NXP Semiconductors |
|
14 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 14 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus 8.2.2.1 Alarm interrupt AIE: This bit activates or deactivates the generation of an interrupt when AF is asserted, respectively. AF: When an alarm occurs, AF is set logic 1. This bit maintains its value until overwritten by command. To prevent one flag being overwritten while clearing another, a logic AND is performed during a write access. Fig 9. Interrupt scheme |