| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
PCF2129A bảng dữ liệu(PDF) 41 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PCF2129A bảng dữ liệu(HTML) 41 Page - NXP Semiconductors |
|
41 / 65 page ![]() PCF85063A All information provided in this document is subject to legal disclaimers. © NXP Semiconductors N.V. 2018. All rights reserved. Product data sheet Rev. 7 — 30 March 2018 41 of 65 NXP Semiconductors PCF85063A Tiny Real-Time Clock/calendar with alarm function and I2C-bus CL(itg) = 7 pF; CLKOUT disabled. (1) VDD =5.5 V. (2) VDD =3.3 V. CL(itg) = 12.5 pF; CLKOUT disabled. (1) VDD =5.5 V. (2) VDD =3.3 V. Fig 26. Typical IDD as a function of temperature |