| công cụ tìm kiếm bảng dữ liệu linh kiện điện tử |
|
IIS2DLPC bảng dữ liệu(PDF) 36 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
IIS2DLPC bảng dữ liệu(HTML) 36 Page - STMicroelectronics |
|
36 / 69 page ![]() Digital main blocks IIS2DLPC 36/69 DocID031788 Rev 4 5.4.4 Continuous-to-FIFO mode In Continuous-to-FIFO mode FIFO_CTRL (2Eh)(FMode[2:0] = 011), FIFO operates in Continuous mode and FIFO mode starts upon an internal trigger event. When the FIFO is full, data collecting is stopped. The trigger could be a single or double tap, wake-up, free-fall, 6D interrupt or any combination of these events, but every interrupt has to be routed on the corresponding pad to be used as a trigger. Figure 11. Continuous-to-FIFO mode Figure 12. Trigger event to FIFO for Continuous-to-FIFO mode x0 y z0 y0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi Continuous Mode FIFO Mode Trigger event x0 y0 z0 x1 y1 z1 x2 y2 z2 x31 y31 z31 xi,yi,zi x30 y30 z30 |