công cụ tìm kiếm bảng dữ liệu linh kiện điện tử
  Vietnamese  ▼
ALLDATASHEET.VN

X  

MGC3030 bảng dữ liệu(PDF) 37 Page - Microchip Technology

tên linh kiện MGC3030
Giải thích chi tiết về linh kiện  MGC3140 3D Tracking and Gesture Controller Data Sheet
PDF  49 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
nhà sản xuất  MICROCHIP [Microchip Technology]
Trang chủ  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

MGC3030 bảng dữ liệu(HTML) 37 Page - Microchip Technology

Back Button MGC3030 Datasheet HTML 33Page - Microchip Technology MGC3030 Datasheet HTML 34Page - Microchip Technology MGC3030 Datasheet HTML 35Page - Microchip Technology MGC3030 Datasheet HTML 36Page - Microchip Technology MGC3030 Datasheet HTML 37Page - Microchip Technology MGC3030 Datasheet HTML 38Page - Microchip Technology MGC3030 Datasheet HTML 39Page - Microchip Technology MGC3030 Datasheet HTML 40Page - Microchip Technology MGC3030 Datasheet HTML 41Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 49 page
background image
10.
Electrical Specifications
10.1
Absolute Maximum Ratings(†)
Parameter
Rating
Ambient temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
Voltage on VDD with respect to VSS
4V
Voltage on non I2C pins with respect to VSS
-0.3V to +3.6V
Voltage on I2C pins relative to VSS
-0.3V to +5.5V
Notice:  (†) Stresses above those listed under “Absolute Maximum Ratings” may cause
permanent damage to the device. This is a stress rating only and functional operation of the
device at those or any other conditions above those indicated in the operation listings of this
specification is not implied. Exposure above maximum rating conditions for extended periods
may affect device reliability.
Notice:  (†) This device is sensitive to ESD damage and must be handled appropriately. Failure
to properly handle and protect the device in an application may cause partial to complete failure
of the device.
10.2
Recommended Operating Conditions
Parameter
Rating
Operating temperature
-40°C to +125°C
Storage temperature
-65°C to +150°C
VDD
3.3V ± 5%
VANA
3.3V ± 5%
AVDD
3.3V ± 5%
10.3
I/O Characteristics
DC Input Characteristics
Operating temperature: -40°C ≤ TA ≤ 125°C
Characteristic
Symbol
Pin Function
Min
Max
Units
Conditions
Input low
voltage
VIL
Rx pins
VSS
0.2 VDD
V
SDA, SCL
VSS
0.3 VDD
V
Input high
voltage
VIH
Rx pins
0.65 VDD
VDD
V
SDA, SCL
0.65 VDD
5.5
V
MGC3140
Electrical Specifications
© 2018 Microchip Technology Inc.
DS40002037A-page 37



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49


bảng dữ liệu tải về

Go To PDF Page


Link URL



Cho đến nay ALLDATASHEET có giúp ích cho doanh nghiệp của bạn hay không?  [ DONATE ] 

Alldatasheet là   |   Quảng cáo   |   Liên lạc với chúng tôi   |   Chính sách bảo mật   |   Liên kết đến bảng dữ liệu    |   Trao đổi link   |   Tìm kiếm theo nhà sản xuất
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com